Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 35 Page - STMicroelectronics

Part # PSD833F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 31Page - STMicroelectronics PSD833F2 Datasheet HTML 32Page - STMicroelectronics PSD833F2 Datasheet HTML 33Page - STMicroelectronics PSD833F2 Datasheet HTML 34Page - STMicroelectronics PSD833F2 Datasheet HTML 35Page - STMicroelectronics PSD833F2 Datasheet HTML 36Page - STMicroelectronics PSD833F2 Datasheet HTML 37Page - STMicroelectronics PSD833F2 Datasheet HTML 38Page - STMicroelectronics PSD833F2 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 110 page
background image
35/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
Decode PLD (DPLD)
The DPLD, shown in Figure 14, is used for decod-
ing the address for internal and external compo-
nents. The DPLD can be used to generate the
following decode signals:
■
8 Sector Select (FS0-FS7) signals for the
primary Flash memory (three product terms
each)
■
4 Sector Select (CSBOOT0-CSBOOT3)
signals for the secondary Flash memory (three
product terms each)
■
1 internal SRAM Select (RS0) signal (two
product terms)
■
1 internal CSIOP Select (PSD Configuration
Register) signal
■
1 JTAG Select signal (enables JTAG on Port
C)
■
2 internal Peripheral Select signals
(Peripheral I/O mode).
Figure 14. DPLD Logic Array
(INPUTS)
(24)
(8)
(16)
(1)
PDN (APD OUTPUT)
I /O PORTS (PORT A,B,C)
(8)
PGR0 - PGR7
(8)
MCELLAB.FB [7:0] (FEEDBACKS)
MCELLBC.FB [7:0] (FEEDBACKS)
A[15:0]
*
(3)
(3)
PD[2:0] (ALE,CLKIN,CSI)
CNTRL[2:0] (READ/WRITE CONTROL SIGNALS)
(1)
(1)
RESET
RD_BSY
RS0
CSIOP
PSEL0
PSEL1
8 PRIMARY FLASH
MEMORY SECTOR SELECTS
SRAM SELECT
I/O DECODER
SELECT
PERIPHERAL I/O MODE
SELECT
CSBOOT 0
CSBOOT 1
CSBOOT 2
CSBOOT 3
FS0
FS7
3
3
3
3
3
3
3
3
3
3
3
3
2
JTAGSEL
AI02873D
FS1
FS2
FS3
FS6
FS5
FS4
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com