Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 57 Page - STMicroelectronics

Part # PSD833F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 53Page - STMicroelectronics PSD833F2 Datasheet HTML 54Page - STMicroelectronics PSD833F2 Datasheet HTML 55Page - STMicroelectronics PSD833F2 Datasheet HTML 56Page - STMicroelectronics PSD833F2 Datasheet HTML 57Page - STMicroelectronics PSD833F2 Datasheet HTML 58Page - STMicroelectronics PSD833F2 Datasheet HTML 59Page - STMicroelectronics PSD833F2 Datasheet HTML 60Page - STMicroelectronics PSD833F2 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
57/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
Table 26. Drive Register Pin Assignment
Note: 1. NA = Not Applicable.
Port Data Registers
The Port Data Registers, shown in Table 27, are
used by the MCU to write data to or read data from
the ports. Table 27 shows the register name, the
ports having each register type, and MCU access
for each register type. The registers are described
below.
Data In
Port pins are connected directly to the Data In buff-
er. In MCU I/O input mode, the pin input is read
through the Data In buffer.
Data Out Register
Stores output data written by the MCU in the MCU
I/O output mode. The contents of the Register are
driven out to the pins if the Direction Register or
the output enable product term is set to ’1.’ The
contents of the register can also be read back by
the MCU.
Output Macrocells (OMC). The
CPLD
Output
Macrocells (OMC) occupy a location in the MCU’s
address space. The MCU can read the output of
the Output Macrocells (OMC). If the OMC Mask
Register bits are not set, writing to the macrocell
loads data to the macrocell flip-flops. See the sec-
tion entitled PLDS, page 33.
OMC Mask Register
Each OMC Mask Register bit corresponds to an
Output Macrocell (OMC) flip-flop. When the OMC
Mask Register bit is set to a 1, loading data into the
Output Macrocell (OMC) flip-flop is blocked. The
default value is 0 or unblocked.
Table 27. Port Data Registers
Drive
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port A
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Port B
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Port C
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port D
NA1
NA1
NA1
NA1
NA1
Slew
Rate
Slew
Rate
Slew
Rate
Register Name
Port
MCU Access
Data In
A,B,C,D
READ – input on pin
Data Out
A,B,C,D
WRITE/READ
Output Macrocell
A,B,C
READ – outputs of macrocells
WRITE – loading macrocells flip-flop
Mask Macrocell
A,B,C
WRITE/READ – prevents loading into a given
macrocell
Input Macrocell
A,B,C
READ – outputs of the Input Macrocells
Enable Out
A,B,C
READ – the output enable control of the port driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com