Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28541BZCT Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SL28541BZCT
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541BZCT Datasheet(HTML) 4 Page - Silicon Laboratories

  SL28541BZCT Datasheet HTML 1Page - Silicon Laboratories SL28541BZCT Datasheet HTML 2Page - Silicon Laboratories SL28541BZCT Datasheet HTML 3Page - Silicon Laboratories SL28541BZCT Datasheet HTML 4Page - Silicon Laboratories SL28541BZCT Datasheet HTML 5Page - Silicon Laboratories SL28541BZCT Datasheet HTML 6Page - Silicon Laboratories SL28541BZCT Datasheet HTML 7Page - Silicon Laboratories SL28541BZCT Datasheet HTML 8Page - Silicon Laboratories SL28541BZCT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SL28541
........................ DOC #: SP-AP-0063 (Rev. AA) Page 4 of 31
27
VDD_PLL3_IO
PWR
IO Power supply for PLL3 outputs.
28
SRC2/SATA
O, DIF 100MHz Differential serial reference clocks.
29
SRC2#/SATA#
O, DIF 100MHz Differential serial reference clocks.
30
VSS_SRC
GND
Ground for outputs.
31
SRC3/OE#_0/2_B
I/O,
Dif
100MHz Differential serial reference clocks / 3.3V OE#_0/2_B, input, mappable via
I2C to control either SRC0 or SRC2. (Default SRC3, 100MHz clock)
32
SRC3#OE#_1/4_B
I/O,
Dif
100MHz Differential serial reference clocks / 3.3V OE#_1/4_B input, mappable via
I2C to control either SRC1 or SRC4. (Default SRC3, 100MHz clock)
33
VDD_SRC_IO
PWR
IO power supply for SRC outputs.
34
SRC4
O, DIF 100MHz Differential serial reference clocks.
35
SRC4#
O, DIF 100MHz Differential serial reference clocks.
36
VSS_SRC
GND
Ground for outputs.
37
SRC9
O, DIF 100MHz Differential serial reference clocks.
38
SRC9#
O, DIF 100MHz Differential serial reference clocks.
39
SRC11#/OE#_9
I/O,
Dif
100MHz Differential serial reference clocks/3.3V OE#9 Input controlling SRC9
(Default SRC11, 100MHz clock)
40
SRC11/OE#_10
I/O,
Dif
100MHz Differential serial reference clocks/3.3V OE#10 Input controlling SRC10.
(Default SRC11, 100MHz clock)
41
SRC10
O, DIF 100MHz Differential serial reference clocks.
42
SRC10#
O, DIF 100MHz Differential serial reference clocks.
43
VDD_SRC_IO
PWR
IO Power supply for SRC outputs.
44
CPU_STP#
I
3.3V tolerant input for stopping CPU outputs
45
PCI_STP#
I
3.3V tolerant input for stopping PCI and SRC outputs
46
VDD_SRC
PWR
3.3V Power supply for SRC PLL.
47
SRC6#
O, DIF 100MHz Differential serial reference clocks.
48
SRC6
O, DIF 100MHz Differential serial reference clocks.
49
VSS_SRC
GND
Ground for outputs.
50
SRC7#/OE#_6
I/O,
Dif
100MHz Differential serial reference clocks/3.3V OE#6 Input controlling SRC6.
(Default SRC7, 100MHz clock).
51
SRC7/OE#_8
I/O,
Dif
100MHz Differential serial reference clocks/3.3V OE#8 Input controlling SRC8.
(Default SRC7, 100MHz clock).
52
VDD_SRC_IO
PWR
0.7V power supply for SRC outputs.
53
SRC8#/CPU2#_ITP#
O, DIF Selectable differential CPU or SRC clock output. ITP_EN = 0 at CKPWRGD
assertion = SRC8
ITP_EN = 1 @ CKPWRGD assertion = CPU2
(Note: CPU2 is an iAMT clock in iAMT mode depending on the configuration set in Byte 11
Bit3:2)
54
SRC8/CPU2_ITP
O, DIF Selectable differential CPU or SRC clock output. ITP_EN = 0 at CKPWRGD
assertion = SRC8
ITP_EN = 1 @ CKPWRGD assertion = CPU2
(Note: CPU2 is an iAMT clock in iAMT mode depending on the configuration set in Byte 11
Bit3:2)
55
NC
NC
No Connect
56
VDD_CPU_IO
PWR
IO Power supply for CPU outputs.
57
CPU1#
O, DIF Differential CPU clock outputs. (Note: CPU1 is an iAMT clock in iAMT mode depending
on the configuration set in Byte 11 Bit3:2)
58
CPU1
O, DIF Differential CPU clock outputs. (Note: CPU1 is an iAMT clock in iAMT mode depending
on the configuration set in Byte 11 Bit3:2)
59
VSS_CPU
GND
Ground for outputs.
64 QFN Pin Definitions (continued)
Pin No.
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com