Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28541BZCT Datasheet(PDF) 22 Page - Silicon Laboratories

Part # SL28541BZCT
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541BZCT Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button SL28541BZCT Datasheet HTML 18Page - Silicon Laboratories SL28541BZCT Datasheet HTML 19Page - Silicon Laboratories SL28541BZCT Datasheet HTML 20Page - Silicon Laboratories SL28541BZCT Datasheet HTML 21Page - Silicon Laboratories SL28541BZCT Datasheet HTML 22Page - Silicon Laboratories SL28541BZCT Datasheet HTML 23Page - Silicon Laboratories SL28541BZCT Datasheet HTML 24Page - Silicon Laboratories SL28541BZCT Datasheet HTML 25Page - Silicon Laboratories SL28541BZCT Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
SL28541
...................... DOC #: SP-AP-0063 (Rev. AA) Page 22 of 31
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Crystal
LACC
Long-term Accuracy
–
300
ppm
Clock Input
TDC
CLKIN Duty Cycle
Measured at VDD/2
47
53
%
TR/TF
CLKIN Rise and Fall Times
Measured between 0.2VDD and 0.8VDD
0.5
4.0
V/ns
TCCJ
CLKIN Cycle to Cycle Jitter
Measured at VDD/2
–
250
ps
TLTJ
CLKIN Long Term Jitter
Measured at VDD/2
–
350
ps
VIL
Input Low Voltage
XIN / CLKIN pin
–
0.8
V
VIH
Input High Voltage
XIN / CLKIN pin
2
VDD+0.3
V
IIL
Input LowCurrent
XIN / CLKIN pin, 0 < VIN <0.8
–
20
uA
IIH
Input HighCurrent
XIN / CLKIN pin, VIN = VDD
–
35
uA
CPU at 0.7V
TDC
CPU Clock Duty Cycle
Measured at 0V differential at 0.1s
45
55
%
TPERIOD
100 MHz CPU Clock Period
Measured at 0V differential at 0.1s
9.99900
10.00100
ns
TPERIOD
133 MHz CPU Clock Period
Measured at 0V differential at 0.1s
7.49925
7.50075
ns
TPERIOD
166 MHz CPU Clock Period
Measured at 0V differential at 0.1s
5.99940
6.00060
ns
TPERIOD
200 MHz CPU Clock Period
Measured at 0V differential at 0.1s
4.99950
5.00050
ns
TPERIOD
266 MHz CPU Clock Period
Measured at 0V differential at 0.1s
3.74963
3.75038
ns
TPERIOD
333 MHz CPU Clock Period
Measured at 0V differential at 0.1s
2.99970
3.00030
ns
TPERIOD
400 MHz CPU Clock Period
Measured at 0V differential at 0.1s
2.49975
2.50025
ns
TPERIODSS
100 MHz CPU Clock Period, SSC
Measured at 0V differential at 0.1s
10.02406
10.02607
ns
TPERIODSS
133 MHz CPU Clock Period, SSC
Measured at 0V differential at 0.1s
7.51804
7.51955
ns
TPERIODSS
166 MHz CPU Clock Period, SSC
Measured at 0V differential at 0.1s
6.01444
6.01564
ns
TPERIODSS
200 MHz CPU Clock Period, SSC
Measured at 0V differential at 0.1s
5.01203
5.01303
ns
TPERIODSS
266 MHz CPU Clock Period, SSC
Measured at 0V differential at 0.1s
3.75902
3.75978
ns
TPERIODSS
333 MHz CPU Clock Period, SSC
Measured at 0V differential at 0.1s
3.00722
3.00782
ns
TPERIODSS
400 MHz CPU Clock Period, SSC
Measured at 0V differential at 0.1s
2.50601
2.50652
ns
TPERIODAbs
100 MHz CPU Clock Absolute period
Measured at 0V differential at 1 clock
9.91400
10.0860
ns
TPERIODAbs
133 MHz CPU Clock Absolute period
Measured at 0V differential at 1 clock
7.41425
7.58575
ns
TPERIODAbs
166 MHz CPU Clock Absolute period
Measured at 0V differential at 1 clock
5.91440
6.08560
ns
TPERIODAbs
200 MHz CPU Clock Absolute period
Measured at 0V differential at 1 clock
4.91450
5.08550
ns
TPERIODAbs
266 MHz CPU Clock Absolute period
Measured at 0V differential at 1 clock
3.66463
3.83538
ns
TPERIODAbs
333 MHz CPU Clock Absolute period
Measured at 0V differential at 1 clock
2.91470
3.08530
ns
TPERIODAbs
400 MHz CPU Clock Absolute period
Measured at 0V differential at 1 clock
2.41475
2.58525
ns
TPERIODSSAbs 100 MHz CPU Clock Absolute period,
SSC
Measured at 0V differential at 1 clock
9.91406
10.1362
ns
TPERIODSSAbs 133 MHz CPU Clock Absolute period,
SSC
Measured at 0V differential at 1 clock
7.41430
7.62340
ns
TPERIODSSAbs 166 MHz CPU Clock Absolute period,
SSC
Measured at 0V differential at 1 clock
5.91444
6.11572
ns
TPERIODSSAbs 200 MHz CPU Clock Absolute period,
SSC
Measured at 0V differential at 1 clock
4.91453
5.11060
ns
TPERIODSSAbs 266 MHz CPU Clock Absolute period,
SSC
Measured at 0V differential at 1 clock
3.66465
3.85420
ns
TPERIODSSAbs 333 MHz CPU Clock Absolute period,
SSC
Measured at 0V differential at 1 clock
2.91472
3.10036
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com