Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28541BZCT Datasheet(PDF) 23 Page - Silicon Laboratories

Part # SL28541BZCT
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541BZCT Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button SL28541BZCT Datasheet HTML 19Page - Silicon Laboratories SL28541BZCT Datasheet HTML 20Page - Silicon Laboratories SL28541BZCT Datasheet HTML 21Page - Silicon Laboratories SL28541BZCT Datasheet HTML 22Page - Silicon Laboratories SL28541BZCT Datasheet HTML 23Page - Silicon Laboratories SL28541BZCT Datasheet HTML 24Page - Silicon Laboratories SL28541BZCT Datasheet HTML 25Page - Silicon Laboratories SL28541BZCT Datasheet HTML 26Page - Silicon Laboratories SL28541BZCT Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
SL28541
...................... DOC #: SP-AP-0063 (Rev. AA) Page 23 of 31
TPERIODSSAbs 400 MHz CPU Clock Absolute period,
SSC
Measured at 0V differential at 1 clock
2.41477
2.59780
ns
TCCJ
CPU Cycle to Cycle Jitter
Measured at 0V differential
–85
ps
TCCJ2
CPU2_ITP Cycle to Cycle Jitter
Measured at 0V differential
–125
ps
LACC
Long-term Accuracy
Measured at 0V differential
–100
ppm
TSKEW
CPU0 to CPU1 Clock Skew
Measured at 0V differential
–100
ps
TSKEW2
CPU2_ITP to CPU0 Clock Skew
Measured at 0V differential
–150
ps
TR / TF
CPU Rising/Falling Slew rate
Measured differentially from ±150 mV
2.5
8
V/ns
TRFM
Rise/Fall Matching
Measured single-endedly from ±75 mV
–20
%
VHIGH
Voltage High
1.15
V
VLOW
Voltage Low
–0.3
–
V
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV
SRC at 0.7V
TDC
SRC Duty Cycle
Measured at 0V differential
45
55
%
TPERIOD
100 MHz SRC Period
Measured at 0V differential at 0.1s
9.99900
10.0010
ns
TPERIODSS
100 MHz SRC Period, SSC
Measured at 0V differential at 0.1s
10.02406
10.02607
ns
TPERIODAbs
100 MHz SRC Absolute Period
Measured at 0V differential at 1 clock
9.87400
10.1260
ns
TPERIODSSAbs 100 MHz SRC Absolute Period, SSC
Measured at 0V differential at 1 clock
9.87406
10.1762
ns
TSKEW(window) Any SRC Clock Skew from the earliest
bank to the latest bank
Measured at 0V differential
–3.0
ns
TCCJ
SRC Cycle to Cycle Jitter
Measured at 0V differential
–125
ps
LACC
SRC Long Term Accuracy
Measured at 0V differential
–100
ppm
TR / TF
SRC Rising/Falling Slew Rate
Measured differentially from ±150 mV
2.5
8
V/ns
TRFM
Rise/Fall Matching
Measured single-endedly from ±75 mV
–20
%
VHIGH
Voltage High
1.15
V
VLOW
Voltage Low
–0.3
–
V
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV
DOT96 at 0.7V
TDC
DOT96 Duty Cycle
Measured at 0V differential
45
55
%
TPERIOD
DOT96 Period
Measured at 0V differential at 0.1s
10.4156
10.4177
ns
TPERIODAbs
DOT96 Absolute Period
Measured at 0V differential at 0.1s
10.1656
10.6677
ns
TCCJ
DOT96 Cycle to Cycle Jitter
Measured at 0V differential at 1 clock
–250
ps
LACC
DOT96 Long Term Accuracy
Measured at 0V differential at 1 clock
–100
ppm
TR / TF
DOT96 Rising/Falling Slew Rate
Measured differentially from ±150 mV
2.5
8
V/ns
TRFM
Rise/Fall Matching
Measured single-endedly from ±75 mV
–20
%
VHIGH
Voltage High
1.15
V
VLOW
Voltage Low
–0.3
–
V
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV
LCD_100_SSC at 0.7V
TDC
LCD_100 Duty Cycle
Measured at 0V differential
45
55
%
TPERIOD
100 MHz LCD_100 Period
Measured at 0V differential at 0.1s
9.99900
10.0010
ns
TPERIODSS
100 MHz LCD_100 Period, SSC -0.5% Measured at 0V differential at 0.1s
10.02406
10.02607
ns
TPERIODAbs
100 MHz LCD_100 Absolute Period
Measured at 0V differential at 1 clock
9.74900
10.25100
ns
TPERIODSSAbs 100 MHz LCD_100 Absolute Period,
SSC
Measured at 0V differential at 1 clock
9.74906
10.3012
ns
AC Electrical Specifications (continued)
Parameter
Description
Condition
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com