Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28541BZCT Datasheet(PDF) 24 Page - Silicon Laboratories

Part # SL28541BZCT
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541BZCT Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button SL28541BZCT Datasheet HTML 20Page - Silicon Laboratories SL28541BZCT Datasheet HTML 21Page - Silicon Laboratories SL28541BZCT Datasheet HTML 22Page - Silicon Laboratories SL28541BZCT Datasheet HTML 23Page - Silicon Laboratories SL28541BZCT Datasheet HTML 24Page - Silicon Laboratories SL28541BZCT Datasheet HTML 25Page - Silicon Laboratories SL28541BZCT Datasheet HTML 26Page - Silicon Laboratories SL28541BZCT Datasheet HTML 27Page - Silicon Laboratories SL28541BZCT Datasheet HTML 28Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
SL28541
...................... DOC #: SP-AP-0063 (Rev. AA) Page 24 of 31
TCCJ
LCD_100 Cycle to Cycle Jitter
Measured at 0V differential
–250
ps
LACC
LCD_100 Long Term Accuracy
Measured at 0V differential
–100
ppm
TR / TF
LCD_100 Rising/Falling Slew Rate
Measured differentially from ±150 mV
2.5
8
V/ns
TRFM
Rise/Fall Matching
Measured single-endedly from ±75 mV
–20
%
VHIGH
Voltage High
1.15
V
VLOW
Voltage Low
–0.3
–
V
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV
PCI/PCIF at 3.3V
TDC
PCI Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
Spread Disabled PCIF/PCI Period
Measurement at 1.5V
29.99700
30.00300
ns
TPERIODSS
Spread Enabled PCIF/PCI Period
Measurement at 1.5V
30.08421
30.23459
ns
TPERIODAbs
Spread Disabled PCIF/PCI Period
Measurement at 1.5V
29.49700
30.50300
ns
TPERIODSSAbs Spread Enabled PCIF/PCI Period
Measurement at 1.5V
29.56617
30.58421
ns
THIGH
Spread Enabled PCIF and PCI high time Measurement at 2V
12.27095
16.27995
ns
TLOW
Spread Enabled PCIF and PCI low time Measurement at 0.8V
11.87095
16.07995
ns
THIGH
Spread Disabled PCIF and PCI high
time
Measurement at 2.V
12.27365
16.27665
ns
TLOW
Spread Disabled PCIF and PCI low time Measurement at 0.8V
11.87365
16.07665
ns
TR / TF
PCIF/PCI Rising/Falling Slew Rate
Measured between 0.8V and 2.0V
1.0
4.0
V/ns
TSKEW
Any PCI clock to Any PCI clock Skew
Measurement at 1.5V
–
1000
ps
TCCJ
PCIF and PCI Cycle to Cycle Jitter
Measurement at 1.5V
–500
ps
LACC
PCIF/PCI Long Term Accuracy
Measurement at 1.5V
–100
ppm
48_M at 3.3V
TDC
Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
Period
Measurement at 1.5V
20.83125
20.83542
ns
TPERIODAbs
Absolute Period
Measurement at 1.5V
20.48125
21.18542
ns
THIGH
48_M High time
Measurement at 2V
8.216563
11.15198
ns
TLOW
48_M Low time
Measurement at 0.8V
7.816563
10.95198
ns
TR / TF
Rising and Falling Edge Rate
Measured between 0.8V and 2.0V
1.0
2.0
V/ns
TCCJ
Cycle to Cycle Jitter
Measurement at 1.5V
–350
ps
LACC
48M Long Term Accuracy
Measurement at 1.5V
–100
ppm
27M_NSS/27M_SS at 3.3V
TDC
Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
Spread Disabled 27M Period
Measurement at 1.5V
37.03594
37.03813
ns
Spread Enabled 27M Period
Measurement at 1.5V
37.01299
37.13172
ns
TR / TF
Rising and Falling Edge Rate
Measured between 0.8V and 2.0V
1.0
4.0
V/ns
TCCJ
Cycle to Cycle Jitter
Measurement at 1.5V
–250
ps
LACC
27_M Long Term Accuracy
Measured at crossing point VOX
–50
ppm
REF
TDC
REF Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
REF Period
Measurement at 1.5V
69.82033
69.86224
ns
TPERIODAbs
REF Absolute Period
Measurement at 1.5V
68.83429
70.84826
ns
THIGH
REF High time
Measurement at 2V
29.97543
38.46654
ns
TLOW
REF Low time
Measurement at 0.8V
29.57543
38.26654
ns
AC Electrical Specifications (continued)
Parameter
Description
Condition
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com