Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28541BZCT Datasheet(PDF) 17 Page - Silicon Laboratories

Part # SL28541BZCT
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541BZCT Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button SL28541BZCT Datasheet HTML 13Page - Silicon Laboratories SL28541BZCT Datasheet HTML 14Page - Silicon Laboratories SL28541BZCT Datasheet HTML 15Page - Silicon Laboratories SL28541BZCT Datasheet HTML 16Page - Silicon Laboratories SL28541BZCT Datasheet HTML 17Page - Silicon Laboratories SL28541BZCT Datasheet HTML 18Page - Silicon Laboratories SL28541BZCT Datasheet HTML 19Page - Silicon Laboratories SL28541BZCT Datasheet HTML 20Page - Silicon Laboratories SL28541BZCT Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
SL28541
...................... DOC #: SP-AP-0063 (Rev. AA) Page 17 of 31
Default = 0, (0000). The allowable values for N are detailed
in Table 1, Frequency Select Table.
• CPU DAF M – There are 7 bits (for 128 values) to linearly
change the CPU frequency (limited by VCO range). Default
= 0, the allowable values for M are detailed in Table 1,
Frequency Select Table
• SRC_DAF Enable – This bit enables SRC DAF mode. By
default, it is not set. When set, the operating frequency is
determined by the values entered into the SRC_DAF_N
register. Note that the SRC_DAF_N register must contain
valid values before SRC_DAF is set. Default = 0, (No DAF).
• SRC_DAF_N – There are nine bits (for 512 values) to
linearly change the CPU frequency (limited by VCO range).
Default = 0, (0000). The allowable values for N are detailed
in Table 1, Frequency Select Table.
Smooth Switching
The device contains one smooth switch circuit that is shared
by the CPU PLL and SRC PLL. The smooth switch circuit
ensures that when the output frequency changes by
overclocking, the transition from the old frequency to the new
frequency is a slow, smooth transition containing no glitches.
The rate of change of output frequency when using the smooth
switch circuit is less than 1 MHz/0.667
s. The frequency
overshoot and undershoot is less than 2%.
The Smooth Switch circuit assigns auto or manual. In Auto
mode, clock generator assigns smooth switch automatically
when the PLL does overclocking. For manual mode, assign
the smooth switch circuit to PLL via Smbus. By default the
smooth switch circuit is set to auto mode. PLL can be
over-clocked when it does not have control of the smooth
switch circuit but it is not guaranteed to transition to the new
frequency without large frequency glitches.
Do not enable over-clocking and change the N values of both
PLLs in the same SMBUS block write and use smooth switch
mechanism on spread spectrum on/off.
PD_RESTORE
If a ‘0’ is set for Byte 0 bit 0 then, upon assertion of PD# LOW,
the SL28541 initiates a full reset. The result of this is that the
clock chip emulates a cold power on start and goes to the
“Latches Open” state. If the PD_RESTORE bit is set to a ‘1’
then the configuration is stored upon PD# asserted LOW. Note
that if the iAMT bit, Byte 0 bit 3, is set to a ‘1’ then the
PD_RESTORE bit must be ignored. In other words, in Intel
iAMT mode, PD# reset is not allowed.
PD# (Power down) Clarification
The CKPWRGD/PD# pin is a dual-function pin. During initial
power up, the pin functions as CKPWRGD. Once CKPWRGD
has been sampled HIGH by the clock chip, the pin assumes
PD# functionality. The PD# pin is an asynchronous active
LOW input used to shut off all clocks cleanly before shutting
off power to the device. This signal is synchronized internally
to the device before powering down the clock synthesizer. PD#
is also an asynchronous input for powering up the system.
When PD# is asserted LOW, clocks are driven to a LOW value
and held before turning off the VCOs and the crystal oscillator.
PD# (Power down) Assertion
When PD is sampled HIGH by two consecutive rising edges
of CPUC, all single-ended outputs will be held LOW on their
next HIGH-to-LOW transition and differential clocks must held
LOW. When PD mode is desired as the initial power on state,
PD must be asserted HIGH in less than 10
s after asserting
CKPWRGD.
PD# Deassertion
The power up latency is less than 1.8 ms. This is the time from
the deassertion of the PD# pin or the ramping of the power
supply until the time that stable clocks are generated from the
clock chip. All differential outputs stopped in a three-state
condition, resulting from power down are driven high in less
than 300
s of PD# deassertion to a voltage greater than
200 mV. After the clock chip’s internal PLL is powered up and
locked, all outputs are enabled within a few clock cycles of
each clock. Figure 2 is an example showing the relationship of
clocks coming up.
PD#
USB, 48MHz
DOT96T
DOT96C
SRCT 100MHz
SRCC 100MHz
CPUT, 133MHz
PCI, 33 MHz
REF
CPUC, 133MHz
Figure 1. Power down Assertion Timing Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com