Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28541BZCT Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SL28541BZCT
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541BZCT Datasheet(HTML) 1 Page - Silicon Laboratories

  SL28541BZCT Datasheet HTML 1Page - Silicon Laboratories SL28541BZCT Datasheet HTML 2Page - Silicon Laboratories SL28541BZCT Datasheet HTML 3Page - Silicon Laboratories SL28541BZCT Datasheet HTML 4Page - Silicon Laboratories SL28541BZCT Datasheet HTML 5Page - Silicon Laboratories SL28541BZCT Datasheet HTML 6Page - Silicon Laboratories SL28541BZCT Datasheet HTML 7Page - Silicon Laboratories SL28541BZCT Datasheet HTML 8Page - Silicon Laboratories SL28541BZCT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Clock Generator for Intel®Mobile Chipset
SL28541
........................ DOC #: SP-AP-0063 (Rev. AA) Page 1 of 31
400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
Features
•Intel® CK505 Rev. 1.0 Compliant
• Low power push-pull type differential output buffers
• Integrated voltage regulator
• Integrated resistors on differential clocks
• Scalable low voltage VDD_IO (1.05V to 3.3V)
• 8-step programmable drive strength for single-ended
clocks
• Differential CPU clocks with selectable frequency
• 100 MHz Differential SRC clocks
• 100 MHz Differential LCD clock
• 96 MHz Differential DOT clock
• 48 MHz USB clock
• 33 MHz PCI clocks
• 27 MHz Video clocks
• Buffered Reference Clock 14.318 MHz
• 14.318 MHz Crystal Input or Clock Input
• Low-voltage frequency select input
•I2C support with readback capabilities
• Ideal Lexmark Spread Spectrum profile for maximum
electromagnetic interference (EMI) reduction
• Industrial Temperature -40°C to 85°C
• 3.3V Power supply
• 64-pin QFN and TSSOP packages
CPU
SRC
PCI REF DOT96 USB_48 LCD
27M
x2 / x3 x8/12
x6
x 1
x 1
x 1
x1
x2
Block Diagram


Similar Part No. - SL28541BZCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28541BZC-2 SILABS-SL28541BZC-2 Datasheet
276Kb / 28P
Clock Generator for Intel짰Mobile Chipset
SL28541BZC-2T SILABS-SL28541BZC-2T Datasheet
276Kb / 28P
Clock Generator for Intel짰Mobile Chipset
More results

Similar Description - SL28541BZCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY505YC64DT SILABS-CY505YC64DT Datasheet
212Kb / 24P
Clock Generator for Intel짰Broadwater Chipset
CY28410 SILABS-CY28410 Datasheet
180Kb / 17P
Clock Generator for Intel짰Grantsdale Chipset
CY28411 SILABS-CY28411 Datasheet
165Kb / 18P
Clock Generator for Intel짰Alviso Chipset
CY28442-2 SILABS-CY28442-2 Datasheet
1Mb / 20P
Clock Generator for Intel짰Alviso Chipset
CY28446 SILABS-CY28446 Datasheet
168Kb / 19P
Clock Generator for Intel짰Calistoga Chipset
CY28447 SILABS-CY28447 Datasheet
1Mb / 23P
Clock Generator for Intel짰Calistoga Chipset
CY28548 SILABS-CY28548 Datasheet
1Mb / 31P
Clock Generator for Intel짰Crestline Chipset
SL28504-2 SILABS-SL28504-2 Datasheet
410Kb / 28P
Clock Generator for Intel짰Eaglelake Chipset
SL28540 SILABS-SL28540 Datasheet
213Kb / 25P
Low Power Clock Generator for Intel짰Mobile Platform
SL28541-2 SILABS-SL28541-2 Datasheet
276Kb / 28P
Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com