Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28541BZCT Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SL28541BZCT
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541BZCT Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SL28541BZCT Datasheet HTML 3Page - Silicon Laboratories SL28541BZCT Datasheet HTML 4Page - Silicon Laboratories SL28541BZCT Datasheet HTML 5Page - Silicon Laboratories SL28541BZCT Datasheet HTML 6Page - Silicon Laboratories SL28541BZCT Datasheet HTML 7Page - Silicon Laboratories SL28541BZCT Datasheet HTML 8Page - Silicon Laboratories SL28541BZCT Datasheet HTML 9Page - Silicon Laboratories SL28541BZCT Datasheet HTML 10Page - Silicon Laboratories SL28541BZCT Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SL28541
........................ DOC #: SP-AP-0063 (Rev. AA) Page 7 of 31
Frequency Select Pin (FSA, FSB and FSC)
Apply the appropriate logic levels to FSA, FSB, and FSC
inputs before CKPWRGD assertion to achieve host clock
frequency selection. When the clock chip sampled HIGH on
CKPWRGD and indicates that VTT voltage is stable then FSA,
FSB, and FSC input values are sampled. This process
employs a one-shot functionality and once the CKPWRGD
sampled a valid HIGH, all other FSA, FSB, FSC, and
CKPWRGD transitions are ignored except in test mode.
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
48
NC
NC
No Connect
49
VDD_CPU_IO
PWR
IO Power supply for CPU outputs.
50
CPU1#
O, DIF Differential CPU clock outputs. (Note: CPU1 is an iAMT clock in iAMT mode depending
on the configuration set in Byte 11 Bit3:2)
51
CPU1
O, DIF Differential CPU clock outputs. (Note: CPU1 is an iAMT clock in iAMT mode depending
on the configuration set in Byte 11 Bit3:2)
52
VSS_CPU
GND
Ground for outputs.
53
CPU#0
O, DIF Differential CPU clock outputs.
54
CPU0
O, DIF Differential CPU clock outputs.
55
VDD_CPU
PWR
3.3V Power supply for CPU PLL.
56
CKPWRGD/PD#
I
3.3V LVTTL input. This pin is a level sensitive strobe used to latch the FS_A, FS_B,
FS_C, FS_D, SRC5_SEL, and ITP_EN.
After CKPWRGD (active HIGH) assertion, this pin becomes a real-time input for
asserting power down (active LOW).
57
FSB/TEST_MODE
I
3.3V tolerant input for CPU frequency selection.
Selects Ref/N or Tri-state when in test mode
0 = Tri-state, 1 = Ref/N.
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
58
VSS_REF
GND
Ground for outputs.
59
XOUT
O, SE 14.318MHz Crystal output. (Float XOUT if using CLKIN)
60
XIN/CLKIN
I
14.318MHz Crystal input or 3.3V, 14.318MHz input clock signal.
61
VDD_REF
PWR
3.3V Power supply for outputs and also maintains SMBUS registers during
power-down.
62
REF0/FSC/TEST_SEL
I/O
3.3V tolerant input for CPU frequency selection/fixed 14.318MHz clock output.
Selects test mode if pulled to VIHFS_C when CKPWRGD is asserted HIGH. Refer
to DC Electrical Specifications table for VILFS_C, VIMFS_C, VIHFS_C specifications.
63
SMB_DATA
I/O
SMBus compatible SDATA.
64
SMB_CLK
I
SMBus compatible SCLOCK.
64 TSSOP Pin Definition (continued)
Pin No.
Name
Type
Description
Table 1. Frequency Select Pin (FSA, FSB and FSC)
FSC
FSB
FSA
CPU
SRC
PCIF/PCI
27MHz
REF
DOT96
USB
0
0
0
266 MHz
100 MHz
33 MHz
27 MHz
14.318 MHz
96 MHz
48 MHz
0
0
1
133 MHz
0
1
0
200 MHz
0
1
1
166 MHz
1
0
0
333 MHz
1
0
1
100 MHz
1
1
0
400 MHz
1
1
1
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com