Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28541BZCT Datasheet(PDF) 19 Page - Silicon Laboratories

Part # SL28541BZCT
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541BZCT Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button SL28541BZCT Datasheet HTML 15Page - Silicon Laboratories SL28541BZCT Datasheet HTML 16Page - Silicon Laboratories SL28541BZCT Datasheet HTML 17Page - Silicon Laboratories SL28541BZCT Datasheet HTML 18Page - Silicon Laboratories SL28541BZCT Datasheet HTML 19Page - Silicon Laboratories SL28541BZCT Datasheet HTML 20Page - Silicon Laboratories SL28541BZCT Datasheet HTML 21Page - Silicon Laboratories SL28541BZCT Datasheet HTML 22Page - Silicon Laboratories SL28541BZCT Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
SL28541
...................... DOC #: SP-AP-0063 (Rev. AA) Page 19 of 31
PCI_STP# Assertion
The PCI_STP# signal is an active LOW input used for
synchronously stopping and starting the PCI outputs while the
rest of the clock generator continues to function. The set-up
time for capturing PCI_STP# going LOW is 10 ns (tSU). (See
Figure 6.) The PCIF clocks are affected by this pin if their
corresponding control bit in the SMBus register is set to allow
them to be free running.
PCI_STP# Deassertion
The deassertion of the PCI_STP# signal causes all PCI and
stoppable PCIF clocks to resume running in a synchronous
manner within two PCI clock periods, after PCI_STP# transi-
tions to a HIGH level.
.
.
.
CPU_STP#
CPUT
CPUC
CPUT Internal
Tdrive_CPU_STP#,10 ns>200 mV
CPUC Internal
Figure 5. CPU_STP# Deassertion Waveform
Tsu
PC I_STP#
PC I_F
PC I
S RC 100M Hz
Figure 6. PCI_STP# Assertion Waveform
PC I_STP#
PC I_F
PC I
S RC 100 M Hz
Tsu
Td rive _ S R C
Figure 7. PCI_STP# Deassertion Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com