Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG3PA Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 29Page - Cypress Semiconductor CCG3PA Datasheet HTML 30Page - Cypress Semiconductor CCG3PA Datasheet HTML 31Page - Cypress Semiconductor CCG3PA Datasheet HTML 32Page - Cypress Semiconductor CCG3PA Datasheet HTML 33Page - Cypress Semiconductor CCG3PA Datasheet HTML 34Page - Cypress Semiconductor CCG3PA Datasheet HTML 35Page - Cypress Semiconductor CCG3PA Datasheet HTML 36Page - Cypress Semiconductor CCG3PA Datasheet HTML 37Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 35 of 37
EZ-PD™ CCG3PA Datasheet
Document History Page
Document Title: EZ-PD™ CCG3PA Datasheet, USB Type-C Port Controller
Document Number: 002-16951
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
5473667
VGT
10/13/2016
New datasheet
*A
5544333
VGT
12/13/2016
Changed datasheet status to Preliminary.
Updated Features.
Updated Logic Block Diagram.
Updated Functional Overview
Updated Figure 2, Figure 3, Figure 6, Figure 8, Figure 9, and Figure 10.
Updated Pinouts.
Updated Table 4 with VCC_PIN_ABS and VSBU_PIN_ABS parameters.
Added Q-temp parts in Table 42.
*B
5583660
VGT
01/18/2017
Updated General Description, Features, I/O Subsystem, CPU, Charger Detection, and
Ordering Information.
Updated Table 2 and Table 4.
Updated Figure 6 through Figure 10.
Updated Sales page.
*C
5665676
VGT
03/22/2017
Updated Figure 2, Figure 6, Figure 8, Figure 10, Table 1,Table 2, Table 4, Table 42, Features,
Logic Block Diagram, Functional Overview, Power Systems Overview, Ordering Code
Definitions, Acronyms.
Added Internal Block Diagram.
Added Table 5 through Table 41 in Device-Level Specifications.
Updated compliance with USB spec in Sales, Solutions, and Legal Information.
Updated Cypress logo.
*D
5738854
VGT
05/19/2017
Added Application Diagram description before Figure 6, Figure 8, Figure 9, and Figure 10.
Added Figure 1.
Added CCG3PA Programming and Bootloading section.
Added Document History Page section.
Added Table 3.
Updated Figure 3, Figure 4, Figure 6, Figure 8, Figure 9, and Figure 10.
Updated Table 2, Table 4, Table 5, and Table 42.
Updated Figure 11 (spec 002-16934 Rev. ** to *A) in Packaging.
Updated Cypress logo, Sales page, and Copyright information.
*E
5984670
VGT
12/06/2017
Removed Preliminary document status.
Updated System-Level Fault Protection, Power, and System-Level ESD Protection.
Updated Internal Block Diagram
Updated Figure 2.
Table 2: Updated Pins 12 and 13. Added Note 5.
Updated Figure 6.
Added Figure 7.
Table 4: Updated max value for VCC_PIN_ABS
Table 5: Removed SID_DS and updated typ value for SID_PB_DS_UA.
Table 7: Added new SID.GIO#17 spec and changed SID.GIO#17 to SID.GIO#17A.
Added Table 9 and Table 10.
Table 12: Updated max value for SID149.
Table 22; Added “Guaranteed by Characterization”
Table 24: Updated Conditions for SID226 and SID228. Updated typ value and conditions for
SID.CLK#1.
Table 26: Updated Conditions for SID234 and SID238.
Table 28: Updated min, typ, and max values for SID.LSCSA.1,SID.LSCSA.7, and
SID.LSCSA.24
Updated Conditions for SID.GIO#17A, SID.GIO#43, SID.GIO#44, SID.GIO#45, and SID69.
Table 31: Added “Guaranteed by Characterization”
Table 32: Added SID.GD.9, SID.GD.10, SID.GD.11, SID.GD.12, SID.GD.13, SID.GD.14.
Changed description of spec IDs SID.GD.1 to SID.GD.8.
Table 33: Renumbered all spec IDs starting from SID.GD.15 to SID.GD.20. Modified max
values of SID.GD.15, SID.GD.17 and SID.GD.18. Modified Details/Conditions of all
parameters.
Table 34: Removed spec IDs SID.VBUS.DISC.1 to SID.VBUS.DISC5. Renumbered
SID.VBUS.DISC6 to SID.VBUS.DISC11. Added new spec IDs SID.VBUS.DISC6 to
SID.VBUS.DISC10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com