Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG3PA Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 2Page - Cypress Semiconductor CCG3PA Datasheet HTML 3Page - Cypress Semiconductor CCG3PA Datasheet HTML 4Page - Cypress Semiconductor CCG3PA Datasheet HTML 5Page - Cypress Semiconductor CCG3PA Datasheet HTML 6Page - Cypress Semiconductor CCG3PA Datasheet HTML 7Page - Cypress Semiconductor CCG3PA Datasheet HTML 8Page - Cypress Semiconductor CCG3PA Datasheet HTML 9Page - Cypress Semiconductor CCG3PA Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 6 of 37
EZ-PD™ CCG3PA Datasheet
Power Systems Overview
CCG3PA can operate from two possible external supply sources:
VBUS_IN_DISCHARGE (3.0 V–24.5 V) or VDDD (2.7 V–5.5 V).
When powered through VBUS_IN_DISCHARGE, the internal
regulator generates VDDD of 3.3 V for chip operation. The
regulated supply, VDDD, is either used directly inside some
analog blocks or further regulated down to VCCD (1.8 V), which
powers majority of the core using the regulators. CCG3PA has
three different power modes: Active, Sleep, and Deep Sleep.
Transitions between these power modes are managed by the
power
system.
When
powered
through
the
VBUS_IN_DISCHARGE pin, VDDD cannot be used to power
external devices and should be connected to a 1-µF capacitor for
the regulator stability only. These pins are not supported as
power supplies. Refer to the application diagrams for capacitor
connections.
Figure 1. Power System Requirement Block Diagram
Table 1. CCG3PA Power Modes
Mode
Description
Power-On Reset (POR)
Power is valid and an internal reset source is asserted or SleepController is sequencing the system
out of reset.
ACTIVE
Power is valid and CPU is executing instructions.
SLEEP
Power is valid and CPU is not executing instructions. All logic that is not operating is clock gated to
save power.
DEEP SLEEP
Main regulator and most blocks are shut off. DeepSleep regulator powers logic, but only
low-frequency clock is available.
VSS
VBUS_IN_DISCHARGE
VDDD
1.8-V
Regulator
VCCD
Core
GPIO
CC
Tx/Rx
CCG3PA
CC1, CC2
VSS
SHV
Regulator
UV/
OVP
Gate Driver
VBUS_P_CTRL
Gate Driver
VBUS_C_CTRL
VBUS_C_MON
_DISCHARGE
1uF
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com