Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG3PA Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 3Page - Cypress Semiconductor CCG3PA Datasheet HTML 4Page - Cypress Semiconductor CCG3PA Datasheet HTML 5Page - Cypress Semiconductor CCG3PA Datasheet HTML 6Page - Cypress Semiconductor CCG3PA Datasheet HTML 7Page - Cypress Semiconductor CCG3PA Datasheet HTML 8Page - Cypress Semiconductor CCG3PA Datasheet HTML 9Page - Cypress Semiconductor CCG3PA Datasheet HTML 10Page - Cypress Semiconductor CCG3PA Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 7 of 37
EZ-PD™ CCG3PA Datasheet
Pinouts
Table 2. CCG3PA Pin Descriptions
24-Pin
QFN
16-Pin
SOIC
Pin Name
Description
1
P1.0
Port 1 pin 0: GPIO/UART_1_CTS/I2C_SDA_1[1] / TCPWM_line_0[2], Programmable
SCP/OCP/OVP/UVP Fault indication
2
P1.1
Port 1 pin 1: GPIO/UART_1_RTS/I2C_SCL_1[1] / TCPWM_line_1[3], Programmable
SCP/OCP/OVP/UVP Fault indication
3
5
VBUS_P_CTRL
Provider (PMOS) FET control (30-V Tolerant)
0: Path ON
1: Path OFF
4
VBUS_C_CTRL
VBUS Consumer (PMOS) FET Control (30-V Tolerant)
0: Path ON
Z: Path OFF
5
DP1/P1.2
USB D+/Port 1 pin 2: GPIO/UART_1_TX1/AFC/QC/BC 1.2/Apple Charging/No IEC
6
DM1/P1.3
USB D-/Port 1 pin 3: GPIO/UART_1_RX1/AFC/QC/BC 1.2/Apple Charging/No IEC
7
6
SWD_DAT_0/P0.0
Port 0 pin 0: GPIO/OVT/I2C_SDA_0/TCPWM_line_0/UART_0_CTS
8
7
SWD_CLK_0/P0.1
Port 0 pin 1: GPIO/OVT/I2C_SCL_0/TCPWM_line_1/UART_0_RTS
9
8
AXRES/P2.0
Port 2 pin 0: GPIO/Alternate XRES[4]/TCPWM_line_0//UART_0_TX0
10
P2.1
Port 2 pin 1: GPIO/TCPWM_line_1//UART_0_RX0
11
9
VBUS_C_MON_DIS-
CHARGE
Type C VBUS Monitor with Internal Discharge FET
12
P2.2
Port 2 pin 2: GPIO with Open drain with pull-up assist. Configurable as GPIO_20VT/I2C_SDA_1/IEC.
Tolerant to temporary short to VBUS pin..
13
P2.3
Port 2 pin 3: GPIO with Open drain with pull-up assist. Configurable as GPIO_20VT/I2C_SCL_1/IEC.
Tolerant to temporary short to VBUS pin.
14
10
CC2
Communication Channel 2 with Dead-battery Rd Bonding Option/IEC. Tolerant to temporary short to
VBUS pin.
15
11
CC1
Communication Channel 1 with Dead-battery Rd Bonding Option/IEC. Tolerant to temporary short to
VBUS pin.
16
12
DM0/P3.1
USB D-/Port 3 pin 1: GPIO/UART_1_RX0/AFC/QC/BC 1.2/Apple Charging/IEC
17
13
DP0/P3.0
USB D+/Port 3 pin 0: GPIO/UART_1_TX0/AFC/QC/BC 1.2/Apple Charging/IEC
18
14
VBUS_IN_DIS
CHARGE
VBUS Power IN (3.0 V–24.5 V) with Internal Discharge FET
19
16
CSP
CS +: Current sense input
20
1
FB
Voltage regulation feedback pin
21
2
CATH/COMP
Cathode of voltage regulation and compensation for other applications
22
15
GND
Ground
23
3
VDDD
Power Input: 2.7 V–5.5 V
24
4
VCCD
1.8-V Core Voltage pin (not intended for use as a power source)
EPAD
Ground
Note
1. Out of the two SCB blocks (SCB0 and SCB1), while the SCB0’s I2C functionality is mapped out to the P0.0/P0.1 GPIO pins, the I2C functionality
of SCB1 provides flexibility to have it mapped either on P1.0/P1.1 OR P2.2/P2.3 GPIO pins.
2. TCPWM_line_0 can be mapped to port pins P1.0, P0.0, P2.0 or P2.2.
3. TCPWM_line_1 can be mapped to port pins P1.1, P0.1, P2.1 or P2.3.
4. AXRES pin will be internally pulled up during the Power On I/O initialization time (see Table 6 for more details).
5. See Table 9 and Table 10 for specifications related to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com