Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG3PA Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 17Page - Cypress Semiconductor CCG3PA Datasheet HTML 18Page - Cypress Semiconductor CCG3PA Datasheet HTML 19Page - Cypress Semiconductor CCG3PA Datasheet HTML 20Page - Cypress Semiconductor CCG3PA Datasheet HTML 21Page - Cypress Semiconductor CCG3PA Datasheet HTML 22Page - Cypress Semiconductor CCG3PA Datasheet HTML 23Page - Cypress Semiconductor CCG3PA Datasheet HTML 24Page - Cypress Semiconductor CCG3PA Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 21 of 37
EZ-PD™ CCG3PA Datasheet
Digital Peripherals
The following specifications apply to the Timer/Counter/PWM peripherals in the Timer mode.
Pulse Width Modulation (PWM) for GPIO Pins
I2C
Table 11. PWM AC Specifications (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.TCPWM.3
TCPWMFREQ Operating frequency
–
–
Fc
MHz Fc max = CLK_SYS.
Maximum = 48 MHz.
SID.TCPWM.4
TPWMENEXT Input trigger pulse width
2/Fc
–
–
ns
For all trigger events
SID.TCPWM.5
TPWMEXT
Output trigger pulse width
2/Fc
–
–
ns
Minimum possible width of
Overflow, Underflow, and CC
(Counter equals Compare
value) outputs
SID.TCPWM.5A TCRES
Resolution of counter
1/Fc
–
–
ns
Minimum time between
successive counts
SID.TCPWM.5B PWMRES
PWM resolution
1/Fc
–
–
ns
Minimum pulse width of PWM
output
SID.TCPWM.5C QRES
Quadrature inputs resolution
1/Fc
–
–
ns
Minimum pulse width between
quadrature-phase inputs
Table 12. Fixed I2C DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID149
II2C1
Block current consumption at 100 kHz
–
–
100
µA–
SID150
II2C2
Block current consumption at 400 kHz
–
–
135
µA–
SID151
II2C3
Block current consumption at 1 Mbps
–
–
310
µA–
SID152
II2C4
I2C enabled in Deep Sleep mode
–
1.4
–
µA–
Table 13. Fixed I2C AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID153
FI2C1
Bit rate
–
–
1
Mbps
–
Table 14. Fixed UART DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID160
IUART1
Block current consumption at
100 kbps
–
–
20
µA
–
SID161
IUART2
Block current consumption at
1000 kbps
––
312
µA
–
Table 15. Fixed UART AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID162
FUART
Bit rate
–
–
1
Mbps
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com