Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG3PA Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 29Page - Cypress Semiconductor CCG3PA Datasheet HTML 30Page - Cypress Semiconductor CCG3PA Datasheet HTML 31Page - Cypress Semiconductor CCG3PA Datasheet HTML 32Page - Cypress Semiconductor CCG3PA Datasheet HTML 33Page - Cypress Semiconductor CCG3PA Datasheet HTML 34Page - Cypress Semiconductor CCG3PA Datasheet HTML 35Page - Cypress Semiconductor CCG3PA Datasheet HTML 36Page - Cypress Semiconductor CCG3PA Datasheet HTML 37Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 36 of 37
EZ-PD™ CCG3PA Datasheet
*E (contd)
5984670
VGT
12/06/2017
Table 35: Added V_IN_3 and V_IN3_DS parameters and renumbered spec IDs from
SID.DC.VR.1 to SID.DC.VR.12.
Added Table 36.
Table 39: Updated min and max values for SID.ADC.4.
Table 42: Added new MPN CYPD3174-24LQXQ. Modified "Application" column of
CYPD3174-16SXQ and CYPD3175-24LQXQ MPNs.
Removed Errata.
Added Table 43, Table 44 and Table 45 to Packaging section.
*F
6079226
VGT
03/02/2018
Added “The voltage reference for the ADCs is generated either from the VDDD supply or from
internal bandgap. When sensing the GPIO pin voltage with an ADC, the pin voltage cannot
exceed the VDDIO supply value” to ADC section.
Table 2: Updated the Descripion “GPIO with Open drain with pull-up assist. Configurable as
GPIO_20VT/I2C_SDA_1/IEC. Tolerant to temporary short to VBUS pin” for Pins P2.2 and P2.3.
Table 7: Removed SBU1, SBU2 reference in Details/Conditions for Spec ID SID.GIO#17.
Table 32: Moved “0.003” to Typ column for the Spec ID SID.GD.9 and SID.GD.10.
Table 12: Updated typical and max values for II2C4 parameter.
Table 9: Removed GPIO_20VT_Voh parameter.
Table 28: Updated max values of Csa_SCP_Acc parameters.
Table 39: Updated the Description of Spec ID SID.ADC.6 as “ADC reference voltage when
generated from band gap.”. Removed SID.ADC.5 parameter and added SID.ADC.2A and
SID.ADC.3A parameters. Updated Details/Conditions of SID.ADC.2 and SID.ADC3
parameters.
Table 35: Added units (V) to SID.DC.VR.3, SID.DC.VR.4 and SID.DC.VR.5 parameters.
Updated VBUS Short Protection and I/O Subsystem sections.
Updated Table 3 with information on Fault Indicator and VBUS Short Protection Capability.
Updated Application Diagrams section.
Document Title: EZ-PD™ CCG3PA Datasheet, USB Type-C Port Controller
Document Number: 002-16951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com