Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG3PA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 5 Page - Cypress Semiconductor

  CCG3PA Datasheet HTML 1Page - Cypress Semiconductor CCG3PA Datasheet HTML 2Page - Cypress Semiconductor CCG3PA Datasheet HTML 3Page - Cypress Semiconductor CCG3PA Datasheet HTML 4Page - Cypress Semiconductor CCG3PA Datasheet HTML 5Page - Cypress Semiconductor CCG3PA Datasheet HTML 6Page - Cypress Semiconductor CCG3PA Datasheet HTML 7Page - Cypress Semiconductor CCG3PA Datasheet HTML 8Page - Cypress Semiconductor CCG3PA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 5 of 37
EZ-PD™ CCG3PA Datasheet
priate voltage on VBUS pin as per the negotiated contract with
the peer device over Type-C.
Integrated Digital Blocks
Serial Communication Blocks (SCB)
EZ-PD CCG3PA has two SCBs, which can be configured to
implement an I2C, SPI, or UART interface. The hardware I2C
blocks implement full multi-master and slave interfaces capable
of multimaster arbitration. In the SPI mode, the SCB blocks can
be configured to act as master or slave.
In the I2C mode, the SCB blocks are capable of operating at
speeds of up to 1 Mbps (Fast Mode Plus) and have flexible
buffering options to reduce interrupt overhead and latency for the
CPU. These blocks also support I2C that creates a mailbox
address range in the memory of EZ-PD CCG3PA and effectively
reduce I2C communication to reading from and writing to an
array in memory. In addition, the blocks support 8-deep FIFOs
for receive and transmit which, by increasing the time given for
the CPU to read data, greatly reduce the need for clock
stretching caused by the CPU not having read data on time.
The I2C peripherals are compatible with the I2C Standard-mode,
Fast-mode, and Fast-mode Plus devices as defined in the NXP
I2C-bus specification and user manual (UM10204). The I2C bus
I/Os are implemented with GPIO in open-drain modes.
The I2C port on the SCB blocks of EZ-PD CCG3PA are not
completely compliant with the I2C spec in the following aspects:
The GPIO cells for SCB 1’s I2C port are not overvoltage-tolerant
and, therefore, cannot be hot-swapped or powered up
independently of the rest of the I2C system.
Fast-mode Plus has an IOL specification of 20 mA at a VOL of
0.4 V. The GPIO cells can sink a maximum of 8-mA IOL with a
VOL maximum of 0.6 V.
Fast-mode and Fast-mode Plus specify minimum Fall times,
which are not met with the GPIO cell; Slow strong mode can
help meet this spec depending on the bus load.
Timer/Counter/PWM Block (TCPWM)
EZ-PD CCG3PA has four TCPWM blocks. Each implements a
16-bit timer, counter, pulse-width modulator (PWM), and
quadrature decoder functionality. The block can be used to
measure the period and pulse width of an input signal (timer),
find the number of times a particular event occurs (counter),
generate PWM signals, or decode quadrature signals.
I/O Subsystem
EZ-PD CCG3PA has up to 12 GPIOs of which, some of them can
be re-purposed to support functions of SCB (I2C, UART, SPI).
GPIO pins P0.0 and P0.1 are overvoltage-tolerant (OVT) (upto
7V).
The GPIO block implements the following:
Seven drive strength modes:
Input only
Weak pull-up with strong pull-down
Strong pull-up with weak pull-down
Open drain with strong pull-down
Open drain with strong pull-up
Strong pull-up with strong pull-down
Weak pull-up with weak pull-down
Input threshold select (CMOS or LVTTL)
Individual control of input and output buffer enabling/disabling
in addition to the drive strength modes
Hold mode for latching previous state (used for retaining I/O
state in Deep Sleep mode)
Selectable slew rates for dV/dt related noise control to improve
EMI
During power-on and reset, the I/O pins are forced to the disable
state so as not to crowbar any inputs and/or cause excess
turn-on current. A multiplexing network known as a high-speed
I/O matrix is used to multiplex between various signals that may
connect to an I/O pin.
Port pins P1.0 and P1.1 can be configured to indicate Fault for
OCP/SCP/OVP/UVP conditions. Any two fault conditions can be
mapped to two GPIOs or all the four faults can be OR’ed to
indicate over one GPIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com