Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG3PA Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 15Page - Cypress Semiconductor CCG3PA Datasheet HTML 16Page - Cypress Semiconductor CCG3PA Datasheet HTML 17Page - Cypress Semiconductor CCG3PA Datasheet HTML 18Page - Cypress Semiconductor CCG3PA Datasheet HTML 19Page - Cypress Semiconductor CCG3PA Datasheet HTML 20Page - Cypress Semiconductor CCG3PA Datasheet HTML 21Page - Cypress Semiconductor CCG3PA Datasheet HTML 22Page - Cypress Semiconductor CCG3PA Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 19 of 37
EZ-PD™ CCG3PA Datasheet
I/O
Table 7. I/O DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.GIO#37
VIH_CMOS
Input voltage HIGH threshold 0.7 × VDDD
V
CMOS input
SID.GIO#38
VIL_CMOS
Input voltage LOW threshold
0.3 × VDDD
V
CMOS input
SID.GIO#39
VIH_VDDD2.7-
LVTTL input, VDDD < 2.7 V
0.7× VDDD
––
V
SID.GIO#40
VIL_VDDD2.7-
LVTTL input, VDDD < 2.7 V
0.3 × VDDD
V–
SID.GIO#41
VIH_VDDD2.7+ LVTTL input, VDDD  2.7 V
2.0
V
SID.GIO#42
VIL_VDDD2.7+ LVTTL input, VDDD  2.7 V
0.8
V
SID.GIO#33
VOH_3V
Output voltage HIGH level
VDDD –0.6
V
IOH = 4 mA at 3-V VDDD
SID.GIO#36
VOL_3V
Output voltage LOW level
0.6
V
IOL = 10 mA at 3-V VDDD
SID.GIO#5
RPU
Pull-up resistor value
3.5
5.6
8.5
k
+25 °C TA, all VDDD
SID.GIO#6
RPD
Pull-down resistor value
3.5
5.6
8.5
k
+25 °C TA, all VDDD
SID.GIO#16
IIL
Input leakage current
(absolute value)
––
2
nA
+25 °C TA, 3-V VDDD
SID.GIO#17
CPIN_A
Max pin capacitance
22
pF
Capacitance on DP0, DM0,
DP1, DMI pins.
Guaranteed by characteri-
zation.
SID.GIO#17A CPIN
Max pin capacitance
3
7
pF
–40°C to +85°C TA, All
VDDD, all other I/OS.
Guaranteed by characteri-
zation.
SID.GIO#43
VHYSTTL
Input hysteresis, LVTTL VDDD
 2.7 V
15
40
mV
Guaranteed by characteri-
zation.
SID.GIO#44
VHYSCMOS
Input hysteresis CMOS
0.05 × VDDD
––
mV
VDDD < 4.5 V.
Guaranteed by characteri-
zation.
SID69
IDIODE
Current through protection
diode to VDDD/VSS
––
100
µA Guaranteed by design.
SID.GIO#45
ITOT_GPIO
Maximum total sink chip
current
––
85
mA
Guaranteed by design.
OVT
SID.GIO#46
IIHS
Input current when Pad >
VDDD for OVT inputs
––
10.00
µAPer I2C specification
Table 8. I/O AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min Typ Max Units
Details/Conditions
SID70
TRISEF
Rise time in Fast Strong mode
2
12
ns
3.3-V VDDD, Cload = 25 pF
SID71
TFALLF
Fall time in Fast Strong mode
2
12
ns
3.3-V VDDD, Cload = 25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com