Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG3PA Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 9Page - Cypress Semiconductor CCG3PA Datasheet HTML 10Page - Cypress Semiconductor CCG3PA Datasheet HTML 11Page - Cypress Semiconductor CCG3PA Datasheet HTML 12Page - Cypress Semiconductor CCG3PA Datasheet HTML 13Page - Cypress Semiconductor CCG3PA Datasheet HTML 14Page - Cypress Semiconductor CCG3PA Datasheet HTML 15Page - Cypress Semiconductor CCG3PA Datasheet HTML 16Page - Cypress Semiconductor CCG3PA Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 13 of 37
EZ-PD™ CCG3PA Datasheet
Figure 7. CCG3PA Based Power Adapter Application Diagram with Opto Coupler Feedback Control (24-pin QFN Device)
PFET Load Switch
VBUS
CYPD3174-24LQXQ
VDDD
23
VCCD
24
CC1
CC2
VBUS_C_MON_
DISCHARGE
11
15
14
CATH/
COMP
21
3
VBUS_P_CTRL
22
GND
19
CSP
18
VBUS_IN_DIS
CHARGE
SWD_
DAT_0
7
AXRES/GPIO
9
DP0
DM0
17
16
Type-C
Receptacle
GND
FB
20
VBUS
CC1
CC2
DP0
DM0
SWD_
CLK_0
8
To Programming Header (Not needed for final production)
R1
C1
C2
1
F
1
F
100 nF
50 k
5 m
390 pF
5%
X7R
390 pF
5%
X7R
Note:
R1, C1 and, C2 values are selected based on
primary side controller's design.
GPIO
1, 2, 5,
6, 10
4
VBUS_C_CTRL
GPIO_20VT
12, 13
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com