Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS04-R Datasheet(PDF) 24 Page - Broadcom Corporation.

Part # AC101L-DS04-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS04-R Datasheet(HTML) 24 Page - Broadcom Corporation.

Back Button AC101L-DS04-R Datasheet HTML 20Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 21Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 22Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 23Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 24Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 25Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 26Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 27Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 28Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 14
TP PHY Register Summary
Document
AC101L-DS06-R
REGISTER 0: CONTROL REGISTER
REGISTER 1: STATUS REGISTER
Table 5: Register 0: Control Register
Bit
Name
Description
Mode
Default
0.15
Reset
1 = PHY reset.
This bit is self-clearing.
RW/
SC
0
0.14
Loopback
1 = Enable loopback mode. This loops back TXD to RXD and ignores all of the
activity on the cable media.
0 = Normal operation.
RW
0
0.13
Speed
Select
1 = 100 Mbps.
0 = 10 Mbps.
Default value:
SPD100
RW
Set by
SPD100
0.12
ANEN
Enable
1 = Enable the auto-negotiate process (overrides 0.13 and 0.8).
0 = Disable the auto-negotiate process.
Mode selection is controlled via bit 0.8, 0.13.
Default value:
ANEN
RW
Set by
ANEN
0.11
Power
Down
1 = Power down. All blocks except for SMI will be turned off.
Setting PDOWN pin (24) to LOW will achieve the same result.
0 = Normal operation.
RW
0
0.10
Isolate
1 = N/A.
0 = Normal operation.
RW
0
0.9
Restart
ANEN
1 = Restart auto-negotiation process.
0 = Normal operation.
RW/
SC
0
0.8
Duplex
Mode
1 = Full-duplex operation.
0 = Half-duplex operation.
Default value:
!ANEN && DUPLEX
RW
See
descriptio
n
0.7
Collision
Test
1 = Enable collision test that issues the COL signal in response to the assertion
of the TXEN signal. Collision test is disabled if the PCSBP pin is high. Collision
test is enabled regardless of the duplex mode.
0 = Disable COL test.
RW
0
0.[6:0
]
Reserved
–
RW
0000000
Table 6: Register 1: Status Register
Bit
Name
Description
Mode
Default
1.15
100BASE-T4
Permanently tied to zero; indicates no 100BASE-T4 capability.
RO
0
1.14
100BASE-TX
Full-Duplex
1 = 100BASE-TX full-duplex capable.
0 = Not 100BASE-TX full-duplex capable.
Default value:
SPD100 && DUPLEX
RO
See
description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com