Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS04-R Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # AC101L-DS04-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS04-R Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button AC101L-DS04-R Datasheet HTML 9Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 10Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 11Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 12Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 13Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 14Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 15Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 16Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
Parallel Detection
Page 3
PARALLEL DETECTION
Because there are many devices in the field that do not support the ANEN process, but must still be communicated with, it
is necessary to detect and link through the parallel detection process. The parallel detection circuit is enabled in the absence
of FLPs. The circuit is able to detect the following:
•
Normal link pulse (NLP)
•
10BASE-T receive data
•
100BASE-TX idle
The mode of operation gets configured based on the technology of the incoming signal. If any of the above is detected, the
device automatically configures to match the detected operating speed in the half-duplex mode. This ability allows the device
to communicate with the legacy 10BASE-T and 100BASE-TX systems, while maintaining the flexibility of auto-negotiation.
ANALOG ADAPTIVE EQUALIZER
The analog adaptive equalizer removes InterSymbol Interference (ISI) created by the transmission channel media.
The PHY is designed to accommodate a maximum of 140 meters of UTP Category 5 cable. An AT&T 1061 Category 5 cable
of this length typically has an attenuation of 31 dB at 100 MHz. A typical attenuation of 100-meter cable is 21 dB. The worst
case cable attenuation is around 24–26 dB as defined by TP-PMD specification. The amplitude and phase distortion from
the cable causes ISI which makes clock and data recovery difficult. The adaptive equalizer is designed to closely match the
inverse transfer function of the twisted-pair cable. The equalizer has the ability to changes its equalizer frequency response
according to the cable length. The equalizer will tune itself automatically for any cable, compensating for the amplitude and
phase distortion introduced by the cable.
CLOCK RECOVERY
The equalized MLT3 signal passes through the slicer circuit and is converted to NRZI format. The PHY uses a proprietary
mixed-signal Phase Locked Loop (PLL) to extract clock information from the incoming NRZI data. The extracted clock is
used to retime the data stream and set the data boundaries. The transmit clock is locked to the 25-MHz clock input while the
receive clock is locked to the incoming data streams. When initial lock is achieved, the PLL switches to the data stream,
extracts the 125-MHz clock, and uses it for the bit framing for the recovered data. The recovered 125-MHz clock is also used
to generate the 25-MHz RX_CLK signal. The PLL requires no external components for its operation and has high noise
immunity and low jitter. It provides fast phase alignment and locks to data in one transition. Its data/clock acquisition time,
after power-on, is less than 60 transitions. The PLL can maintain lock on run-lengths of up to 60 data bits in the absence of
signal transitions. When no valid data are present (that is, when the SD is deasserted), the PLL switches and locks on to
4.7/1.13
100BASE-TX
The default value is SPD100 && (ANEN || !DUPLEX).
4.6/1.12
10BASE-T Full-Duplex
The default value of this bit is DUPLEX && (ANEN || !SPD100).
4.5/1.11
10BASE-T
The default value is ANEN || (!SPD100 && !DUPLEX).
Table 1: Auto-Negotiation Mode (Cont.)
Mode
Mode Name
Link Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com