Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS04-R Datasheet(PDF) 38 Page - Broadcom Corporation.

Part # AC101L-DS04-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS04-R Datasheet(HTML) 38 Page - Broadcom Corporation.

Back Button AC101L-DS04-R Datasheet HTML 34Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 35Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 36Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 37Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 38Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 39Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 40Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 41Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 42Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 28
Timing and AC Characteristics
Document
AC101L-DS06-R
Section 8: Ti ming a n d AC Chara c ter i s t ic s
CLOCK TIMING
RESET TIMING
Figure 3: Reset Timing
Table 35: Clock Timing
Parameter
Symbol
Min
Typ
Max
Units
XTAL input cycle time
CK_CYCLE
–
40
–
ns
XTAL input high/low time
CK_HI CK_LO
–
20
–
ns
XTAL input rise/fall time
CK_EDGE
–
–
4
ns
Table 36: Reset Timing
Parameter
Symbol
Min
Typ
Max
Units
Reset pulse length low period with stable XTAL
input
RESET_LEN
1
–
–
µs
Activity after end of hardware reset
RESET_WAIT
1
–
–
seconds
Reset rise/fall time
RESET_EDGE
–
5
10
ns
XTAL Input
RESET#
Normal PHY
RESET_LEN
RESET_WAIT
CK_HI
CK_CYCLE
CK_EDGE
CK_LO
CK_EDGE
activity begins here
RESET_EDGE
RESET_EDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com