Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS04-R Datasheet(PDF) 43 Page - Broadcom Corporation.

Part # AC101L-DS04-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS04-R Datasheet(HTML) 43 Page - Broadcom Corporation.

Back Button AC101L-DS04-R Datasheet HTML 39Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 40Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 41Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 42Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 43Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 44Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 45Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 46Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 47Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
10BASE-T MII Transmit System Timing
Page 33
10BASE-T MII TRANSMIT SYSTEM TIMING
Figure 7: 10BASE-T Transmit Timing
Table 40: 10BASE-T MII Transmit System Timing
Parameter
SYM
Conditions
Min
Typ
Max
Units
TX_CLK period
tCK
–
399.98
400.00
400.02
ns
TX_CLK high period
tCKH
–
180.00
200.00
220.00
ns
TX_CLK low period
tCKL
–
180.00
200.00
220.00
ns
TXEN to SOP
tTJ
–
240
–
360
ns
TXEN sampled to CRS
tTCSA
RPTR is logic low
–
–
130
ns
TXEN sampled to COL
tTCLA
RPTR is logic low
–
–
300
ns
!TXEN to EOP
tTJ
–
240
–
360
ns
!TXEN sampled to !CRS
tTCSD
RPTR is logic low
–
–
130
ns
!TXEN sampled to !COL
tTCLD
RPTR is logic low
–
–
300
ns
TX propagation delay
tTJ
From TXD[3:0] to TXOP/N
240
–
360
ns
TXD[3:0], TXEN, TXER setup
tTXS
From rising edge of TX_CLK
10
–
–
ns
TXD[3:0], TXEN, TXER hold
tTXH
From rising edge of TX_CLK
0
–
–
ns
tTX_T
X
CRS
TX_CLK
TXEN
TXD[3:0]
TX_ER
TXOP/N
COL
tCK
tCKH
tCKL
tTXS
tTXH
tTCS
A
tTCS
D
tTCLA
tTCLD
Start of
Packet
End of
Packet
tT
J
tT
J
tTJ
tTJ
tTX_TX
tTCSD
tTCSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com