Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS04-R Datasheet(PDF) 41 Page - Broadcom Corporation.

Part # AC101L-DS04-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS04-R Datasheet(HTML) 41 Page - Broadcom Corporation.

Back Button AC101L-DS04-R Datasheet HTML 37Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 38Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 39Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 40Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 41Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 42Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 43Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 44Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 45Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
100BASE-TX/FX MII Transmit System Timing
Page 31
100BASE-TX/FX MII RECEIVE SYSTEM TIMING
Table 39: 100BASE-TX/FX MII Receive System Timing
Parameter
Symbol
Conditions
Min
Typ
Max
Units
RX_CLK period
tCK
–
39.998
40.000
40.002
ns
RX_CLK high period
tCKH
–
18.000
20.000
22.000
ns
RX_CLK low period
tCKL
–
18.000
20.000
22.000
ns
/J/K to RXDV assert
tRDVA
–
–
40
180
ns
/J/K to CRS assert
tRCSA
–
–
40
180
ns
/J/K to COL assert
tRCLA
RPTR is logic low.
–
40
180
ns
/T/R to !RXDV
tRDVD
RPTR is logic low.
–
40
180
ns
/T/R to !CRS
tRCSD
RPTR is logic low.
–
40
180
ns
/T/R to !COL
tRCLD
RPTR is logic low.
–
40
180
ns
RX propagation delay
tRDVA
From RXIP/N(FXRP/N) to
RXD[3:0].
–
40
180
ns
RXD[3:0], RXDV assert: Output
delay
tpLH100
From rising edge RX_CLK.
10
–
30
ns
RXD[3:0], RXDV de-assert: invalid
tpHL100
From rising edge RX_CLK.
10
–
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com