Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS04-R Datasheet(PDF) 44 Page - Broadcom Corporation.

Part # AC101L-DS04-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS04-R Datasheet(HTML) 44 Page - Broadcom Corporation.

Back Button AC101L-DS04-R Datasheet HTML 40Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 41Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 42Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 43Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 44Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 45Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 46Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 47Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 48Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 34
10BASE-T MII Receive System Timing
Document
AC101L-DS06-R
10BASE-T MII RECEIVE SYSTEM TIMING
Table 41: 10BASE-T MII Receive System Timing
Parameter
Symbol
Conditions
Min
Typ
Max
Units
RX_CLK period
tCK
–
399.98
400.00
400.02
ns
RX_CLK high period
tCKH
–
180.00
200.00
220.00
ns
RX_CLK low period
tCKL
–
180.00
200.00
220.00
ns
SOP to CRS
tRCSA
–
80
–
150
ns
SOP to COL
tRCLA
RPTR is logic low.
80
–
150
ns
EOP to !RXDV
tRDVD
RPTR is logic low.
120
–
140
ns
EOP to !CRS
tRCSD
RPTR is logic low.
130
–
190
ns
EOP to !COL
tRCLD
RPTR is logic low.
125
–
185
ns
RX propagation delay
tRDVA
From RXIP/N to RXD[3:0].
180
–
250
ns
RXD[3:0], RXDV assert: Output
delay
tpLH10
From rising edge RX_CLK.
50
–
350
ns
RXD[3:0], RXDV de-assert:
invalid
tpHL10
From rising edge RX_CLK.
50
–
350
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com