Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS04-R Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AC101L-DS04-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS04-R Datasheet(HTML) 2 Page - Broadcom Corporation.

  AC101L-DS04-R Datasheet HTML 1Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 2Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 3Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 4Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 5Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 6Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 7Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 8Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page ii
Document
AC101L-DS06-405-R
REVISION HISTORY
Revision
Date
Change Description
AC101L-DS06-R
8/9/04
• Edits for consistency, minor error corrections
AC101L-DS05-R
3/10/03
• Replaced the # sign with an overline to indicate active low pins.
• In Table 1, changed description of pin 24 (PDOWN) from being pulled low
externally to being pulled high externally for normal operation.
AC101L-DS04-R
1/29/03
• Updated Table 1, ”Pinout and Signal Definitions,” on page 7.
• Updated Figure 2, ”AC101L Pinout Diagram,” on page 11.
• Updated Table 19, ”Register 23: Operation Mode Register,” on page 25.
• Updated Table 22, ”Common Register 1: (Map to Reg. 29, Page 0
A28.[15:12]=0000) Test Mode Register,” on page 26.
• Updated Table 23, ”Common Register 4: (Map to Reg. 29, Page 1
A28.[15:12]=0001) LED Blink Rate,” on page 27.
• Updated Table 44, ”Recommended Operating Conditions,” on page 46.
AC101L-DS03-R
9/18/02
• Updated Signal Types designations in Section 2 ”Pin Descriptions” on page 7.
• Updated Table 35, ”Reset Timing,” on page 35.
• Updated Table 37, ”100BASE-X MII Transmit System Timing,” on page 37.
• Updated Table 38, ”100BASE-TX/FX MII Receive System Timing,” on page 38
and Figure 6, ”100BASE-T MII Receive Timing,” on page 39.
• Updated Table 39, ”10BASE-T MII Transmit System Timing,” on page 40 and
Figure 7, ”10BASE-T Transmit Timing,” on page 40.
• Updated Table 40, ”10BASE-T MII Receive System Timing,” on page 41 and
Figure 8, ”10BASE-T Receive Timing,” on page 42.
• Removed Table 42,”RMII Receive Timing,” on page 39 and Figure 9,”RMII
Receive Timing,” on page 39 as well as all references to RMII in the document.
• Updated Table 44, ”Recommended Operating Conditions,” on page 46.
AC101L-DS02-R
6/6/02
• Added table showing current requirements at 2.5 V operation with LED disabled.
• Added table showing current requirements at 3.3 V operation with LED disabled.
• Added output voltage high values and output voltage low values (all digital pins).
• Added input voltage high and low values (all digital input pins).
AC101L-DS01-R
02/20/02
Updated FX application figure and Power and ground filtering figure.
AC101L-DS00-R
01/02/02
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com