Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS04-R Datasheet(PDF) 26 Page - Broadcom Corporation.

Part # AC101L-DS04-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS04-R Datasheet(HTML) 26 Page - Broadcom Corporation.

Back Button AC101L-DS04-R Datasheet HTML 22Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 23Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 24Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 25Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 26Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 27Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 28Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 29Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 30Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 16
TP PHY Register Summary
Document
AC101L-DS06-R
REGISTER 2: PHY IDENTIFIER 1 REGISTER
REGISTER 3: PHY IDENTIFIER 2 REGISTER
REGISTER 4: AUTO-NEGOTIATION ADVERTISEMENT REGISTER
Table 7: Register 2: PHY Identifier 1 Register
Bit
Name
Description
Mode
Default
2.[15:0]
OUIa
a. Based on an OUI of 0010A9 (hexadecimal)
Composed of bits 3 —18 of the Organizationally Unique
Identifier (OUI), respectively.
RO
0022(H)
Table 8: Register 3: PHY Identifier 2 Register
Bit
Name
Description
Mode
Default
3.[15:10]
OUIa
a. Based on an OUI of 0010A9 (hexadecimal)
Assigned to bits 19 — 24 of the OUI.
RO
010101
3.[9:4]
Model Number
6-bit manufacturer’s model number.
RO
010010
3.[3:0]
Revision
Number
4-bit manufacturer’s revision number.
RO
0001
Table 9: Register 4: Auto-Negotiation Advertisement Register
Bit
Name
Description
Mode
Default
4.15
Next Page
1 = Next Page enabled.
0 = Next Page disabled.
RW
0
4.14
Acknowledge
This bit is set internally after receiving 3 consecutive and
consistent FLP bursts.
RO
0
4.[13:11]
Reserved
–
4.10
FDFC
Full-duplex flow control.
1 = Advertise that the DTE (MAC) has implemented both the
optional MAC control sublayer and the pause function as
specified in Clause 31 and Annex 31B of IEEE 802.3u.
0 = MAC does not support flow control.
4.9
100BASE-T4
Technology not supported. This bit is always 0.
RO
0
4.8
100BASE-TX
Full-Duplex
1 = 100BASE-TX full-duplex capable.
0 = Not 100BASE-TX full-duplex capable.
Default value:
SPD100 && DUPLEX.
RW
See
description
4.7
100BASE-TX
1 = 100BASE-TX half-duplex capable.
0 = Not TX half-duplex capable.
Default value:
SPD100 && (ANEN || !DUPLEX).
RW
See
description
4.6
10BASE-T Full
Duplex
1 = 10BASE-T full-duplex capable.
0 = Not 10BASE-T full-duplex capable.
Default value:
DUPLEX && (ANEN || !SPD100).
RW
See
description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com