Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS03-R Datasheet(PDF) 23 Page - Broadcom Corporation.

Part # AC101L-DS03-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS03-R Datasheet(HTML) 23 Page - Broadcom Corporation.

Back Button AC101L-DS03-R Datasheet HTML 19Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 20Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 21Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 22Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 23Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 24Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 25Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 26Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 27Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
Register Description
Page 13
Sec t i on 5: Re gi st er D e sc r i pti o n
The first 7 registers of the MII register set are defined by the MII specification. In addition to these required registers there
are several registers specific to Altima Communications Inc. There are reserved registers and/or bits that are for Altima
internal use only. The following standard registers are supported (register numbers are in decimal notation; the values are
in hexadecimal notation):
Legend:
•
RW = Read and write access
•
SC = Self-clearing
•
LL = Latch low until cleared by reading
•
RO = Read-only
•
RC = Cleared on read
•
LH = Latch high until cleared by reading
TP PHY REGISTER SUMMARY
When writing to registers, it is recommended that a read/modify/write operation be performed, as
unintended bits may get set to unwanted states. This applies to all registers, including those with reserved
bits.
Table 4: TP PHY Register Summary
Register
Description
Default Value
Registers 0–7
0
Control register
3000
1
Status register
7849
2
PHY Identifier 1 register
0022
3
PHY Identifier 2 register
5521
4
Auto-Negotiation Advertisement register
01E1
5
Auto-Negotiation Link Partner Ability register
0001
6
Auto-Negotiation Expansion register
0004
7
Next Page Advertisement register
2001
Registers 8–31
8–15
Reserved
XXXX
16
BT and Interrupt Level Control register
1800
17
Interrupt Control/Status register
0000
18,19
Reserved
XXXX
20
Cable Measurement Capability register
XXXX
21
Receive Error Counter register
0304
22–31
Reserved
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com