Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS03-R Datasheet(PDF) 30 Page - Broadcom Corporation.

Part # AC101L-DS03-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS03-R Datasheet(HTML) 30 Page - Broadcom Corporation.

Back Button AC101L-DS03-R Datasheet HTML 26Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 27Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 28Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 29Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 30Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 31Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 32Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 33Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 34Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 20
TP PHY Register Summary
Document
AC101L-DS06-R
REGISTER 19: POWER/LOOPBACK REGISTER
REGISTER 20: CABLE MEASUREMENT CAPABILITY REGISTER
18.10
Reserved
Reserved.
RO
0
18.9
Reserved
Reserved.
RO
0
18.8
Reserved
Reserved.
RO/RC
0
18.[7:0]
Reserved
Reserved.
RO
0
Table 16: Register 19: Power/Loopback Register
Bit
Name
Description
Mode
Default
19.[14:7]
Reserved
Reserved.
RW
00
19.6
Reserved
Reserved.
RW
0
19.5
Disable
Watchdog
Timer for
Decipher
1 = Disables watchdog timer.
0 = Enables advanced power saving mode.
RW
0
19.4
Low Power
Mode Disable
0 = Enables advanced power saving mode.
1 = Disables advanced power saving mode. (Do not enable this
bit during normal operation).
RW
0
19.3
Reserved
Reserved.
RW
0
19. 2
Reserved
Reserved.
RW
0
19.1
NLP Link
Integrity Test
1 = In auto-negotiation test mode, sends NLP instead of FLP to
test NLP receive integrity.
0 = Sends FLP in auto-negotiation test mode.
RW
0
19.0
Jabber Disable
1 = Disables jabber.
RW
0
Table 17: Register 20: Cable Measurement Capability Register
Bit
Name
Description
Mode
Default
20.15
Reserved
Reserved.
RW
1
20.14
Reserved
1 = On.
0 = Off.
RW
1
20.[13:9]
Reserved
Reserved.
RO
0
a20.8
a.
To set the value of 20.[7:4], you must turn on bit 20.8 and turn off bit 20.14. Otherwise, this PHY rejects receive packets.
Adaptation
Disable
1 = Disables adaptation.
0 = Enables adaptation.
RW
0
20.[7:4]
Cable
Measurement
Capability
These bits can be used as a cable length indicator. The bits are
incremented from 0000 to 1111, with an increment of
approximately 10 meters. The equivalent is 0 to 32 dB with an
increment of 2 dB @ 100 MHz. The value is a read back from
the equalizer, and the measured value is not absolute.
RW
X
20.[3:0]
Reserved
Reserved.
RO
X
Table 15: Register 18: Diagnostic Register (Cont.)
Bit
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com