Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS03-R Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # AC101L-DS03-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS03-R Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button AC101L-DS03-R Datasheet HTML 5Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 6Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 7Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 8Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 9Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 10Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 11Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 12Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
Page ix
LIST OF TABLES
Table 1: Auto-Negotiation Mode ......................................................................................................................... 2
Table 2: Pinout and Signal Definitions................................................................................................................ 7
Table 3: LED [3:0] Event Table ........................................................................................................................ 12
Table 4: TP PHY Register Summary................................................................................................................ 13
Table 5: Register 0: Control Register ............................................................................................................... 14
Table 6: Register 1: Status Register................................................................................................................. 14
Table 7: Register 2: PHY Identifier 1 Register.................................................................................................. 16
Table 8: Register 3: PHY Identifier 2 Register.................................................................................................. 16
Table 9: Register 4: Auto-Negotiation Advertisement Register ........................................................................ 16
Table 10: Register 5: Auto-Negotiation Link Partner Ability Register/Link Partner Next Page Message ......... 17
Table 11: Register 6: Auto-Negotiation Expansion Register ............................................................................ 17
Table 12: Register 7: Auto-Negotiation Next Page Transmit Register ............................................................. 18
Table 13: Register 16: BT and Interrupt Level Control Register....................................................................... 18
Table 14: Register 17: Interrupt Control/Status Register.................................................................................. 19
Table 15: Register 18: Diagnostic Register ...................................................................................................... 19
Table 16: Register 19: Power/Loopback Register ............................................................................................ 20
Table 17: Register 20: Cable Measurement Capability Register...................................................................... 20
Table 18: Register 21: Receive Error Counter ................................................................................................. 21
Table 19: Register 22: Power Management Register....................................................................................... 21
Table 20: Register 23: Operation Mode Register ............................................................................................. 21
Table 21: Register 24: CRC for Recent Received Packet ................................................................................ 22
Table 22: Common Register 0 (Map to Reg. 28) Mode Control Register......................................................... 22
Table 23: Common Register 1: (Map to Reg. 29, Page 0 A28.[15:12]=0000) Test Mode Register ................. 23
Table 24: Common Register 4: (Map to Reg. 29, Page 1 A28.[15:12]=0001) LED Blink Rate ........................ 23
Table 25: Common Register 5: (Map to Reg. 30, Page 1 A.28.[15:12]=0001) LED0 Setting1 Register .......... 23
Table 26: Common Register 6: (Map to Reg. 31, Page 1 A.28.[15:12]=0001) LED0 Setting2 Register .......... 24
Table 27: Common Register 7: (Map to Reg. 29, Page 2 A.28.[15:12]=0010) LED1 Setting1 Register .......... 24
Table 28: Common Register 8: (Map to Reg. 30, Page 2 A.28.[15:12]=0010) LED1 Setting2 Register .......... 24
Table 29: Common Register 9: (Map to Reg. 31, Page 2 A.28.[15:12]=0010) LED2 Setting1 Register .......... 24
Table 30: Common Register 10: (Map to Reg. 29, Page 3 A.28.[15:12]=0011) LED2 Setting2 Register ........ 25
Table 31: Common Register 11: (Map to Reg. 30, Page 3 A.28[.15:12]=0011) LED3 Setting1 Register ........ 25
Table 32: Common Register 12: (Map to Reg. 31, Page 3 A.28.[15:12]=0011) LED3 Setting2 Register ........ 25
Table 33: 4B/5B Code Group ........................................................................................................................... 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com