Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS03-R Datasheet(PDF) 35 Page - Broadcom Corporation.

Part # AC101L-DS03-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS03-R Datasheet(HTML) 35 Page - Broadcom Corporation.

Back Button AC101L-DS03-R Datasheet HTML 31Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 32Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 33Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 34Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 35Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 36Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 37Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 38Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 39Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
Common Registers
Page 25
COMMON REGISTER 10: (MAP TO REG. 29, PAGE 3 A.28.[15:12]=0011) LED2 SETTING2
REGISTER
Default operation for LED2 is ON during duplex mode operation.
.
COMMON REGISTER 11: (MAP TO REG. 30, PAGE 3 A.28[.15:12]=0011) LED3 SETTING1
REGISTER
Default operation for LED3 is BLINK when COL.
COMMON REGISTER 12: (MAP TO REG. 31, PAGE 3 A.28.[15:12]=0011) LED3 SETTING2
REGISTER
A2.31.[7:0]
Msk Blink
Blink mask. When the bits are set to 1, a corresponding event
causes the led to blink.
RW
00000000
Table 30: Common Register 10: (Map to Reg. 29, Page 3 A.28.[15:12]=0011) LED2 Setting2 Register
Bit
Name
Description
Mode
Default
A3.29.[15:8]
Msk On
On mask. When the bits are set to 1, a corresponding event
causes the led to turn on.
RW
10000000
A3.29.[7:0]
Msk Off
Off mask. When the bits are set to 1, a corresponding event
causes the led to turn off.
RW
00000000
Table 31: Common Register 11: (Map to Reg. 30, Page 3 A.28[.15:12]=0011) LED3 Setting1 Register
Reg.bit
Name
Description
Mode
Default
A3.30.[15:13]
Reserved
–
RO
000
A3.30.12
Force LED On
Forces LED3 on.
RW
0
A3.30.[11:9]
Reserved
–
RO
000
A3.30.8
Force LED Off
Forces LED3 off.
RW
0
A3.30.[7:0]
Msk Blink
Blink mask. When the bits are set to 1, a corresponding event
causes the led to blink.
RW
0100000
Table 32: Common Register 12: (Map to Reg. 31, Page 3 A.28.[15:12]=0011) LED3 Setting2 Register
Bit
Name
Description
Mode
Default
A3.31.[15:8]
Msk On
On mask. When the bits are set to 1, a corresponding event
causes the led to turn on.
RW
00000000
A3.31.[7:0]
Msk Off
Off mask. When the bits are set to 1, a corresponding event
causes the led to turn off.
RW
00000000
Table 29: Common Register 9: (Map to Reg. 31, Page 2 A.28.[15:12]=0010) LED2 Setting1 Register (Cont.)
Bit
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com