Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS03-R Datasheet(PDF) 48 Page - Broadcom Corporation.

Part # AC101L-DS03-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS03-R Datasheet(HTML) 48 Page - Broadcom Corporation.

Back Button AC101L-DS03-R Datasheet HTML 44Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 45Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 46Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 47Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 48Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 49Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 50Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 51Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 52Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 38
Recommended Operating Conditions
Document
AC101L-DS06-R
RECOMMENDED OPERATING CONDITIONS
Table 45: Recommended Operating Conditions
Parameter
Symbol
Pins
Operating mode
Min
Typ
Max
Units
Ambient operating
temperature AC101L
TA
–
–
–40
–
+85
°C
Bias voltage
VBIAS
RBIAD
–
1.18
–
1.30
V
Common mode input
voltage
VICM
RD±
100BASE-TX
1.8
–
VCC
V
Common mode input
voltage
VICM
RD±
100BASE-FX
1.8
–
2.2
V
Differential input
voltage
VIDIFF
RD±
100BASE-FX (with 100
ohm load)
0.37
–
2.00
V
Differential output
voltage
VODIFF
TD ±
100BASE-FX mode
1.5
–
1.7
V
Input current
II
Digital inputs with
pull-up resistor
VI = VCC
–
–
200
µA
Input voltage high
VIH
SD
100BASE-FX
2.2
–
–
V
Input voltage high
VIH
All digital input
VCC = 2.5V ±5%
1.4
–
–
V
Input voltage low
VIL
SD
100BASE-FX
–
–
1.7
V
Input voltage low
VIL
All digital input
VCC = 2.5V ±5%
–
–
1.1
V
Output voltage high
VOH
All digital output
VCC = 2.5V ±5%
IOH = –10 µA
2.3
–
–
V
Output voltage high
VOH
All digital output
VCC = 2.5V ±5%
IOH = –4 mA
2.0
–
–
–
Output voltage high
VOH
TD±
Driving load magnetic
module
–
–
VCC+1.5
V
Output voltage low
VOL
All digital output
VCC = 2.5 V ±5%
IOL = 10 µA
––
0.4
–
Output voltage low
VOL
All digital output
VCC = 2.5V ±5%
IOL = 4 mA
––
0.4
–
Output voltage low
VOL
TD±
Driving load magnetic
module
VCC–1.5
–
–
–
Supply voltage
AC101L
3V3
VCC33IN
–
3.135
3.3
3.465
V
Supply voltage
AC101L
VCC
VCC, VCCPLL,
VCC25OUT
–
2.375
2.5
2.625
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com