Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS03-R Datasheet(PDF) 27 Page - Broadcom Corporation.

Part # AC101L-DS03-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS03-R Datasheet(HTML) 27 Page - Broadcom Corporation.

Back Button AC101L-DS03-R Datasheet HTML 23Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 24Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 25Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 26Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 27Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 28Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 29Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 30Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 31Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
TP PHY Register Summary
Page 17
REGISTER 5: AUTO-NEGOTIATION LINK PARTNER ABILITY REGISTER/LINK PARTNER NEXT
PAGE MESSAGE
REGISTER 6: AUTO-NEGOTIATION EXPANSION REGISTER
4.5
10BASE-T
1 = 10BASE-T half-duplex capable.
0 = Not 10BASE-T half-duplex capable.
Default value:
ANEN || (!SPD100 && !DUPLEX).
RW
See
Descriptio
n
4.[4:0]
Selector Field
Protocol selection [00001] = IEEE 802.3.
RO
00001
Table 10: Register 5: Auto-Negotiation Link Partner Ability Register/Link Partner Next Page Message
Bit
Name
Description
Mode
Default
5.15
Next Page
1 = Link partner desires a Next Page transfer.
0 = Link partner does not desire Next Page transfer.
RO
0
5.14
Acknowledge
1 = Link Partner acknowledges reception of FLP words.
0 = Not acknowledged by the link partner.
RO
0
5.[13:10]
Reserved
–
5.9
100BASE-T4
1 = 100BASE-T4 operation supported by the link partner.
0 = 100BASE-T4 operation not supported by the link partner.
RO
0
5.8
100BASE-TX
Full Duplex
1 = 100BASE-TX full-duplex operation supported by the link partner.
0 = 100BASE-TX full-duplex operation not supported by the link
partner.
RO
0
5.7
100BASE-TX
1 = 100BASE-TX half-duplex operation supported by the link
partner.
0 = 100BASE-TX half-duplex operation not supported by the link
partner.
RO
0
5.6
10BASE-T Full
Duplex
1 = 10 Mbps full-duplex operation supported by the link partner.
0 = 10 Mbps full-duplex operation not supported by the link partner.
RO
0
5.5
10BASE-T
1 = 10 Mbps half-duplex operation supported by the link partner.
0 = 10 Mbps half-duplex operation not supported by the link partner.
RO
0
5.[4:0]
Selector Field
Protocol Selection [00001] = IEEE 802.3.
RO
00001
Note: When this register is used as the Next Page message, the bit definition is the same as that of register 7.
Table 11: Register 6: Auto-Negotiation Expansion Register
Bit
Name
Description
Mode
Default
6.[15:5]
Reserved
–
RO
0
Table 9: Register 4: Auto-Negotiation Advertisement Register (Cont.)
Bit
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com