Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS03-R Datasheet(PDF) 20 Page - Broadcom Corporation.

Part # AC101L-DS03-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS03-R Datasheet(HTML) 20 Page - Broadcom Corporation.

Back Button AC101L-DS03-R Datasheet HTML 16Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 17Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 18Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 19Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 20Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 21Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 22Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 23Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 24Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 10
Operational Description
Document
AC101L-DS06-R
Se cti on 4: Op er a t ion a l D e s c r i p ti on
RESET
The PHY can be reset in two ways:
•
Hardware reset: (See “Pin Descriptions” on page 7).
•
Software reset: (See “Register Description” on page 13).
POWER SOURCE
The AC101L chip provides an onboard 3.3V ±5% input to 2.5V ±5% output regulator with the capability to drive 150 mA of
current. The 2.5V output supplies the PHY operation, including the LEDs. It is recommended to limit the LED current below
10 mA per LED.
The 2.5V power should be decoupled to provide the digital and analog pins on the chip.
POWER SAVING MODE
The power consumption of the AC101L device is significantly reduced due to its built-in power management features.
Separate power supply lines are used to power the 10BASE-T circuitry and the 100BASE-TX circuitry. Therefore, the two
circuits can be turned on and turned off independently. When the PHY is set to operate in 100BASE-TX mode, 10BASE-T
circuitry is powered down.
The following power management features are supported:
•
Power-down mode: (see pin and register descriptions). During power down mode, the device is still able to interface
through the management interface.
•
Energy detect/power saving mode: Energy detect mode turns off the power to select internal circuitry when there is
no live network connected. The energy detect (ED) circuit is always turned on to monitor if there is signal energy
present on the media. The management circuitry is also powered on and ready to respond to any management
transaction. The transmit circuit still sends out link pulses with minimum power consumption. If a valid signal is received
from the media, the device powers up and resumes normal transmit/receive operations.
•
Valid data detection mode: This can be achieved by writing to the Receive Clock Register control bit. During this
mode, if there is no data other than incoming idles, the receive clock (RX_CLK) turns itself off. This could save the
power of the attached media access controller. RX_CLK resumes operation one clock period prior to the assertion of
RXDV. The receive clock again shuts off 64 clock cycles after RXDV is deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com