Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS03-R Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # AC101L-DS03-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS03-R Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button AC101L-DS03-R Datasheet HTML 2Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 3Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 4Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 5Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 6Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 7Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 8Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 9Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page vi
Document
AC101L-DS06-R
LED Configuration ................................................................................................................................. 12
LED [3:0] Event Table ........................................................................................................................... 12
Section 5: Register Description ....................................................................................... 13
TP PHY Register Summary ........................................................................................................................ 13
Register 0: Control Register ................................................................................................................. 14
Register 1: Status Register ...................................................................................................................14
Register 2: PHY Identifier 1 Register .................................................................................................... 16
Register 3: PHY Identifier 2 Register .................................................................................................... 16
Register 4: Auto-Negotiation Advertisement Register .......................................................................... 16
Register 5: Auto-Negotiation Link Partner Ability Register/Link Partner Next Page Message .............. 17
Register 6: Auto-Negotiation Expansion Register .................................................................................17
Register 7: Auto-Negotiation Next Page Transmit Register .................................................................. 18
Register 16: BT and Interrupt Level Control Register............................................................................18
Register 17: Interrupt Control/Status Register....................................................................................... 19
Register 18: Diagnostic Register ........................................................................................................... 19
Register 19: Power/Loopback Register ................................................................................................. 20
Register 20: Cable Measurement Capability Register........................................................................... 20
Register 21: Receive Error Counter ......................................................................................................21
Register 22: Power Management Register............................................................................................ 21
Register 23: Operation Mode Register .................................................................................................. 21
Register 24: CRC for Recent Received Packet.....................................................................................22
Common Registers.....................................................................................................................................22
Common Register 0 (Map to Reg28) Mode Control Register................................................................ 22
Common Register 1: (Map to Reg. 29, Page 0 A28.[15:12]=0000) Test Mode Register ...................... 23
Common Register 4: (Map to Reg. 29, Page 1 A28.[15:12]=0001) LED Blink Rate ............................. 23
Common Register 5: (Map to Reg. 30, Page 1 A.28.[15:12]=0001) LED0 Setting1 Register ............... 23
Common Register 6: (Map to Reg. 31, Page 1 A.28.[15:12]=0001) LED0 Setting2 Register ............... 24
Common Register 7: (Map to Reg. 29, Page 2 A.28.[15:12]=0010) LED1 Setting1 Register ............... 24
Common Register 8: (Map to Reg. 30, Page 2 A.28.[15:12]=0010) LED1 Setting2 Register ............... 24
Common Register 9: (Map to Reg. 31, Page 2 A.28.[15:12]=0010) LED2 Setting1 Register ............... 24
Common Register 10: (Map to Reg. 29, Page 3 A.28.[15:12]=0011) LED2 Setting2 Register ............. 25
Common Register 11: (Map to Reg. 30, Page 3 A.28[.15:12]=0011) LED3 Setting1 Register ............. 25
Common Register 12: (Map to Reg. 31, Page 3 A.28.[15:12]=0011) LED3 Setting2 Register ............. 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com