Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS02-R Datasheet(PDF) 29 Page - Broadcom Corporation.

Part # 5220-DS02-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS02-R Datasheet(HTML) 29 Page - Broadcom Corporation.

Back Button 5220-DS02-R Datasheet HTML 25Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 26Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 27Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 28Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 29Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 30Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 31Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 32Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 33Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auto Power-Down Mode
Page 17
POWER SAVING MODES
Several power saving modes are implemented in the BCM5220, which target PCMCIA and CardBus applications.
Table 5 on page 17 shows low power modes available in the BCM5220. Low power modes can be achieved either by
hardware pin or MII register programming. The table shows both hardware pin and software bits that determine the low
power modes and whether the BCM5220 keeps the clocks and the energy detect circuitry active. The BCM5220 requires a
hard reset for a minimum of 20
µs to return to normal mode from a low power mode if the clocks are not running. Allow at
least 2 ms before resuming normal operation with the BCM5220 after the device is set to run in normal mode from a low
power mode. It is necessary to choose an appropriate low power mode if the energy detection function support is required
while the BCM5220 is in low power mode.
AUTO POWER-DOWN MODE
In addition to various low power modes shown in Table 5, the BCM5220 also supports a special low power mode called Auto
Power Down Mode. Auto Power Down mode is enabled by setting bit 5 of Shadow register 1Bh. When in this mode, the
BCM5220 automatically enters the low power mode if the energy from the Link partner is lost. Similarly, the next time energy
is detected, the chip resumes full power mode. When the BCM5220 is in this low power mode, it wakes up after 2.5/5.0s
(approximately), as determined by bit 4 of Shadow register 1Bh, and send link pulse while monitoring energy from the Link
partner. If energy is detected, the BCM5220 enters full power mode and establishes link with the Link partner. Otherwise,
the wake-up mode continues for a duration of 40-600 ms (approximately) as determined by bits [3:0] of Shadow register 1Bh
before going to low power mode. See the Shadow register, Table 8 on page 23, for a details of various bits.
Table 5: Low Power Modes
Low_PWR
Reset#
Force IDDQ
Low_pwr Mode
Enable Clock
Clocks
Energy Detect
X
0
XXX
OFF
OFF
010
0
X
RUN
ON
XX
1
X
X
OFF
OFF
110
0
0
OFF
ON
110
0
1
RUN
ON
010
1
0
OFF
ON
010
1
1
RUN
ON
LOW_PWR: Pin-16 (BCM5220KPT), Pin-F1 (BCM5220KPB)
RESET#: Pin-9 (BCM5220KPT), Pin-D2 (BCM5220KPB)
FORCE IDDQ: Bit-0 of Shadow register 1Ah
LOW PWR MODE: Bit-1 of Shadow register 1Ah
ENABLE CLOCK: Bit-2 of Shadow register 1Ah
X = 1/0 or Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com