Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS02-R Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # 5220-DS02-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS02-R Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button 5220-DS02-R Datasheet HTML 7Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 8Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 9Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 10Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 11Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 12Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 13Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 14Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Broa d c om Co rp o r a t i o n
Document 5220-DS04-405-R
Page xi
Preliminary Data Sheet
■ BCM5220
04/20/04
LIST OF FIGURES
Figure 1: Functional Block Diagram .....................................................................................................................i
Figure 1: BCM5220KPB Ballout Diagram......................................................................................................... 11
Figure 2: BCM5220KPT Pin Diagram............................................................................................................... 12
Figure 3: Clock and Reset Timing .................................................................................................................... 59
Figure 4: MII Transmit Start of Packet Timing (100BASE-TX) ......................................................................... 60
Figure 5: MII Transmit End of Packet Timing (100BASE-TX) .......................................................................... 60
Figure 6: MII Receive Start of Packet Timing (100BASE-TX) .......................................................................... 61
Figure 7: MII Receive End of Packet Timing (100BASE-TX) ........................................................................... 62
Figure 8: MII Receive Packet Premature End (100BASE-TX) .........................................................................62
Figure 9: MII Link Failure or Stream Cipher Error During Receive Packet ....................................................... 63
Figure 10: MII False Carrier Sense Timing (100BASE-TX).............................................................................. 63
Figure 11: MII 10BASE-T Transmit Start of Packet Timing .............................................................................. 64
Figure 12: 10BASE-T Serial Transmit Timing .................................................................................................. 66
Figure 13: 10BASE-T Serial Receive Timing ................................................................................................... 67
Figure 14: Management Interface Timing......................................................................................................... 68
Figure 15: Management Interface Timing (with Preamble Suppression On).................................................... 68
Figure 16: RMII Transmit Packet Timing .......................................................................................................... 69
Figure 17: RMII Receive Packet Timing ........................................................................................................... 70
Figure 18: Power Connections BCM5220 (3.3V) ............................................................................................. 73
Figure 19: 64-Pin TQFP 10mm Package (BCM5220 KPT) .............................................................................. 75
Figure 20: FBGA 64-pin Package, 8 mm x 8 mm (BCM5220 KPB) ................................................................. 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com