Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS02-R Datasheet(PDF) 77 Page - Broadcom Corporation.

Part # 5220-DS02-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS02-R Datasheet(HTML) 77 Page - Broadcom Corporation.

Back Button 5220-DS02-R Datasheet HTML 73Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 74Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 75Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 76Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 77Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 78Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 79Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 80Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 81Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Status 4 Register (Shadow Register)
Page 65
Table 44 provides the parameters for 10BASE-T serial transmit timing. Figure 12 illustrates 10BASE-T serial transmit start
of timing packet.
RXC High/Low Time
200
ns
CRS Assert after Receive Analog Data
RX_CRS_BT
230
ns
RXC Valid after CRS Assert
RXC_VALID
1.7
µs
RXDV Assert after Receive Analog Data
RX_RXDV
1.2
µs
RXDV Deassert after Receive Analog EOP ends
RX_NOT_RXDV
400
ns
CRS Deassert after Receive Analog EOP ends
RX_NOT_CRS
400
ns
Table 43: MII 10BASE-T Collision Timing
Parameter
Symbol
Min
Typ
Max
Unit
COL Assert after Receive Analog (while
transmitting)
RX_COL
220
ns
COL Deassert after TXEN Deassert (while
receiving)
TXEN_NOT_COL
400
ns
COL Assert after TXEN Assert (while receiving)
TXEN_COL
50
ns
COL Deassert after Receive Analog ends (while
transmitting)
RX_NOT_COL
200
ns
Table 44: 10BASE-T Serial Transmit Timing
Parameter
Symbol
Min
Typ
Max
Unit
TXC Cycle Time
TXC
95
100
105
ns
TXC Low Time
TXC High Time
TXC_LO
TXC_HIGH
97.5
102.5
ns
TXC Rise Time
TXC Fall Time
TXC_RISE
TXC_FALL
25
ns
TXEN, TXD0 to TXC Rising
TXEN_SETUP
10
ns
TXEN, TXD0 Hold after TXC Rising
TXEN_HOLD
0
ns
TXEN to TD+ Start
TXEN_TDATA
350
ns
TXEN to TD+ End
TXEN_QUIET
400
ns
Table 42: MII 10BASE-T Receive Timing
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com