Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS02-R Datasheet(PDF) 73 Page - Broadcom Corporation.

Part # 5220-DS02-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS02-R Datasheet(HTML) 73 Page - Broadcom Corporation.

Back Button 5220-DS02-R Datasheet HTML 69Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 70Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 71Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 72Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 73Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 74Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 75Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 76Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 77Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Status 4 Register (Shadow Register)
Page 61
Figure 6: MII Receive Start of Packet Timing (100BASE-TX)
Table 40: MII 100BASE-X Receive Timing
Parameter
Symbol
Min
Typ
Max
Unit
RXC Cycle Time
40
ns
RXC High/Low Time (RXDV asserted)
20
ns
RXC High Time (RXDV deasserted)
20
ns
RXC Low Time (RXDV deasserted)
20
ns
RXC Rise/Fall Time
2
5
ns
RXDV, RXER, RXD[3:0] Delay from RXC falling
-4
4
ns
CRS Deassert from RXC falling (valid EOP only)
1
ns
CRS Assert after RD
±
RX_CRS
130
ns
CRS Deassert after RD
± (valid EOP)
RX_CRS_EOP
170
ns
CRS Deassert after RD
± (premature end)
RX_CRS_IDLE
165
ns
RXDV Assert after RD
±
RX_RXDV
165
ns
RXDV Deassert after RD
± (valid EOP)
RX_RXDV_EOP
170
ns
RXDV Assert after CRS
40
ns
RD
± to RXD Steady State Delay
RX_RXD
170
ns
COL Assert after RD
± (while TX)
RX_COL
125
ns
COL Deassert after RD
± (valid EOP)
RX_COL_EOP
175
ns
COL Deassert after RD
± (premature end)
RX_COL_IDLE
165
ns
Note: RXC minimum high and low times are guaranteed when RXEN is asserted or deasserted. The MII port will always
tristate while RXEN is low.
RX_CRS
RX_COL
3RD DATA
SSD
RX_RXDV
NIBBLE
* When transmit is active
J4 J3 J2
K4 K3 K2 K1 K0
J1 J0
II
II
I
I
I
0
5
COL*
RXDV
RXD,
RD
±
RXC
CRS
RXER
RXC_MAX_HI
RXC_MAX_LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com