Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS02-R Datasheet(PDF) 65 Page - Broadcom Corporation.

Part # 5220-DS02-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS02-R Datasheet(HTML) 65 Page - Broadcom Corporation.

Back Button 5220-DS02-R Datasheet HTML 61Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 62Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 63Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 64Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 65Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 66Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 67Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 68Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 69Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Multiple PHY Register
Page 53
BROADCOM TEST REGISTER
Shadow Register Enable
Writing a 1 to bit 7 of register 1Fh allows R/W access to the shadow registers.
Table 30: Broadcom Test (Address 31d, 1Fh)
BIt
Name
R/W
Description
Default
15:8
Reserveda
RO
Ignore when read
00h
7
Shadow register enable
R/W
1 = Enable shadow registers
0 = Disable shadow registers
0
6
Reserveda
RO
Ignore when read
0
5
Reserveda
R/W
Write as 0, Ignore when read
0
4:0
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
R/W
Write as 0Bh, Ignore when read
0Bh
Notes: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com