Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS02-R Datasheet(PDF) 54 Page - Broadcom Corporation.

Part # 5220-DS02-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS02-R Datasheet(HTML) 54 Page - Broadcom Corporation.

Back Button 5220-DS02-R Datasheet HTML 50Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 51Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 52Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 53Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 54Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 55Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 56Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 57Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 58Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 42
100BASE-X Disconnect Counter
Document
5220-DS04-405-R
100BASE-X FALSE CARRIER SENSE COUNTER
False Carrier Sense Counter [7:0]
This counter increments each time the BCM5220 detects a false carrier on the receive input. This counter automatically
clears itself when read. When the counter reaches its maximum value, FFh, it stops counting False Carrier Sense Errors
until cleared.
100BASE-X DISCONNECT COUNTER
PTEST REGISTER
The bit description for the PTEST register is shown in Table 22.
Table 20: 100BASE-X False Carrier Sense Counter (Address 19d, 13h)
Bit
Name
R/W
Description
DEFAULT
15:8
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
R/W
Write as 0, ignore when read
00h
7:0
False Carrier Sense Counter
R/W
Number of false carrier sense events since last read
00h
Table 21: 100BASE-X Disconnect Counter (Address 20d, 14h)
Bit
Name
R/W
Description
DEFAULT
15
Reserveda
R/O
0 = Normal
0
14
Reserveda
R/O
0 = Normal
0
13:8
Reserveda
R/W
Write as 000010, Ignore when read
000010
7:0
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
R/W
Write as 00h, Ignore when read
00h
Notes: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).
Table 22: PTEST Register (Address 10111b, 23d, 17h)
Bit
Name
R/W
Description
DEFAULT
15:0
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
RO
Ignore when read
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com