Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS02-R Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # 5220-DS02-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS02-R Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button 5220-DS02-R Datasheet HTML 11Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 12Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 13Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 14Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 15Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 16Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 17Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 18Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 19Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Digital Adaptive Equalizer
Page 3
AUTO-NEGOTIATION
The BCM5220 contains the ability to negotiate its mode of operation over the twisted pair link using the auto-negotiation
mechanism defined in the IEEE 802.3u specification. Auto-negotiation can be enabled or disabled by hardware or software
control. When the auto-negotiation function is enabled, the BCM5220 automatically chooses its mode of operation by
advertising its abilities and comparing them with those received from its link partner.
The BCM5220 can be configured to advertise 100BASE-TX full-duplex and/or half-duplex and 10BASE-T full-and/or half-
duplex. The transceiver negotiates with its link partner and chooses the highest level of operation available for its own link.
Auto-negotiation is not operational during 100BASE-FX operation.
DIGITAL ADAPTIVE EQUALIZER
The digital adaptive equalizer removes Intersymbol Interference (ISI) created by the transmission channel media. The
equalizer accepts sampled unequalized data from the ADC on each channel and produces equalized data. The BCM5220
achieves an optimum signal-to-noise ratio by using a combination of feed forward equalization and decision feedback
equalization. This powerful technique achieves a 100BASE-TX BER of less than 1 x 10-12 for transmission up to 100 meters
on CAT 5 twisted pair cable, even in harsh noise environments. The digital adaptive equalizers in the BCM5220 achieve
performance close to theoretical limits. The all-digital nature of the design makes the performance very tolerant to on-chip
noise. The filter coefficients are self-adapting to any quality of cable or cable length. Due to transmit pre-equalization in
10BASE-T mode and complete lack of ISI in 100BASE-FX mode, the adaptive equalizer is bypassed in these two modes of
operation.
ADC
The receive channel has a 6-bit, 125-MHz analog-to-digital converter (ADC). The ADC samples the incoming data on the
receive channel and produces a 6-bit output. The output of the ADC is fed to the digital adaptive equalizer. Advanced analog
circuit techniques achieve low-offset, high-power-supply noise rejection, fast settling time, and low bit error rate.
DIGITAL CLOCK RECOVERY/GENERATOR
The all-digital clock recovery and generator block creates all internal transmit and receive clocks. The transmit clock is locked
to the 25-MHz clock input, while the receive clock is locked to the incoming data stream. Clock recovery circuits optimized
to MLT3, NRZI, and Manchester encoding schemes are included for use with each of the three different operating modes.
The input data stream is sampled by the recovered clock and fed synchronously to the digital adaptive equalizer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com