Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS02-R Datasheet(PDF) 58 Page - Broadcom Corporation.

Part # 5220-DS02-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS02-R Datasheet(HTML) 58 Page - Broadcom Corporation.

Back Button 5220-DS02-R Datasheet HTML 54Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 55Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 56Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 57Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 58Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 59Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 60Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 61Page - Broadcom Corporation. 5220-DS02-R Datasheet HTML 62Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 46
Auxiliary Control/Status Register
Document
5220-DS04-405-R
INTERRUPT REGISTER
FDX LED Enable
When this bit is set to a 1, FDX LED pin G7(BGA)/34(PQFP) will output FDX status. Otherwise, when INTR Enable is set to
a 1 it will output Interrupt state. When both bits are 0, it will output XMT state.
Interrupt Enable
Setting this bit enables Interrupt Mode.
FDX Mask
When this bit is set, changes in Duplex mode will not generate an interrupt.
SPD Mask
When this bit is set, changes in operating speed will not generate an interrupt.
Link Mask
When this bit is set, changes in Link status will not generate an interrupt.
Table 25: Interrupt Register (Address 26d, 1Ah)
BIt
Name
R/W
Description
Default
15
FDX LED Enable
R/W
1 = Enable full-duplex LED output on G7/34
0 = Enable XMTLED or Interrupt LED if
Interrupt is enabled.
0
14
INTR Enable
R/W
Interrupt enable
0
13:12
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
RO
Ignore when read
00
11
FDX Mask
R/W
Full-duplex interrupt mask
1
10
SPD Mask
R/W
SPEED interrupt mask
1
9
LINK Mask
R/W
LINK interrupt mask
1
8
INTR Mask
R/W
Master interrupt mask
1
7:4
Reserved
RO
Ignore when read
000
3
FDX Change
RO
LH
Duplex change interrupt
0
2
SPD Change
RO
LH
Speed change interrupt
0
1
LINK Change
RO
LH
Link change interrupt
0
0
INTR Status
RO
LH
Interrupt status
0
Notes: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com