Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS175 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # DS175
Description  Automotive forward lighting source
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS175 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  DS175 Datasheet HTML 1Page - Lumileds Lighting Company DS175 Datasheet HTML 2Page - Lumileds Lighting Company DS175 Datasheet HTML 3Page - Lumileds Lighting Company DS175 Datasheet HTML 4Page - Lumileds Lighting Company DS175 Datasheet HTML 5Page - Lumileds Lighting Company DS175 Datasheet HTML 6Page - Lumileds Lighting Company DS175 Datasheet HTML 7Page - Lumileds Lighting Company DS175 Datasheet HTML 8Page - Lumileds Lighting Company DS175 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DS175 LUXEON Altilon SMD Product Datasheet 20171211 ©2017 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON Altilon SMD LEDs are tested and binned using a 20ms monopulse (MP) at 1000mA drive current, case temperature,
T
c, of 85ºC.
Part Number Nomenclature
Part numbers for LUXEON Altilon SMD follow the convention below:
A 1 S B – 5 8 5 0
B D H 0 C C C C 0
Where:
B
– designates number of die (2, 3, 4 or 5)
C C C C – designates minimum flux bin
Therefore, the following part number is used for a LUXEON Altilon SMD with 3 die and a minimum of 780 lumens:
A 1 S B – 5 8 5 0
3 D H 0 0 7 8 0 0
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON Altilon SMD
is compliant to the European Union directives on the restriction of hazardous substances in electronic equipment, namely the
RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add the following restricted
materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated
diphenyl ethers (PBDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com