Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS175 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # DS175
Description  Automotive forward lighting source
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS175 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  DS175 Datasheet HTML 1Page - Lumileds Lighting Company DS175 Datasheet HTML 2Page - Lumileds Lighting Company DS175 Datasheet HTML 3Page - Lumileds Lighting Company DS175 Datasheet HTML 4Page - Lumileds Lighting Company DS175 Datasheet HTML 5Page - Lumileds Lighting Company DS175 Datasheet HTML 6Page - Lumileds Lighting Company DS175 Datasheet HTML 7Page - Lumileds Lighting Company DS175 Datasheet HTML 8Page - Lumileds Lighting Company DS175 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
AUTOMOTIVE
DS175 LUXEON Altilon SMD Product Datasheet ©2017 Lumileds Holding B.V. All rights reserved.
RoHS
COMPLIANT
FEATUrEs And BEnEFITs
PrIMAry APPlIcATIOns
Higher drive current capability for increased flux performance
Adaptive Lighting
Low thermal resistance and power consumption results in simplified thermal
management and system cost
– AFS
High flux output provides flexibility in styling and optical design
Daytime Running Lights
Surface mount device to reduce overall costs
Front Fog
Headlight
– Low Beam
– High Beam
– Static Bending
LUXEON Altilon SMD is specifically designed and tested to meet
and exceed expectations for reliability, performance, and lifetime in
automotive forward lighting applications. It is designed to be assembled
with industry standard soldering reflow lines simplifying system
integration and lowering assembly costs.
LUXEON Altilon SMD provides industry-best thermal performance in
LED forward lighting applications, meeting both SAE and ECE color
specifications with finer granularity than existing systems. PPAP
documentation is available upon request. All LUXEON Altilon SMD LEDs
are IEC-60810 qualified.
lUXEOn Altilon sMd
Automotive forward lighting source


Similar Part No. - DS175

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DS1750D5S MTU-DS1750D5S Datasheet
679Kb / 6P
DIESEL GENERATOR SET
logo
Bridgelux, Inc.
DS1751 BRIDGELUX-DS1751 Datasheet
1,010Kb / 17P
Tunable WhiteHD TW 6mm Array
06/2026
DS1752 BRIDGELUX-DS1752 Datasheet
945Kb / 17P
Tunable WhiteHD TW 9mm Array
06/2026
DS1753 BRIDGELUX-DS1753 Datasheet
999Kb / 17P
Tunable WhiteHD TW 13mm Array
06/2026
DS1756 BRIDGELUX-DS1756 Datasheet
949Kb / 17P
Tunable WhiteHD TW 6mm Array
04/2026
More results

Similar Description - DS175

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LAFL-C2-0350 LUMILEDS-LAFL-C2-0350 Datasheet
1Mb / 25P
Automotive Forward Lighting Source
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
Automotive Interior Lighting
LAB6SP OSRAM-LAB6SP Datasheet
676Kb / 21P
Exterior Automotive Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
Automotive Interior Lighting
logo
Lumileds Lighting Compa...
PB175 LUMILEDS-PB175 Datasheet
1Mb / 2P
Automotive forward lighting source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com