Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS175 Datasheet(PDF) 13 Page - Lumileds Lighting Company

Part # DS175
Description  Automotive forward lighting source
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS175 Datasheet(HTML) 13 Page - Lumileds Lighting Company

Back Button DS175 Datasheet HTML 9Page - Lumileds Lighting Company DS175 Datasheet HTML 10Page - Lumileds Lighting Company DS175 Datasheet HTML 11Page - Lumileds Lighting Company DS175 Datasheet HTML 12Page - Lumileds Lighting Company DS175 Datasheet HTML 13Page - Lumileds Lighting Company DS175 Datasheet HTML 14Page - Lumileds Lighting Company DS175 Datasheet HTML 15Page - Lumileds Lighting Company DS175 Datasheet HTML 16Page - Lumileds Lighting Company DS175 Datasheet HTML 17Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DS175 LUXEON Altilon SMD Product Datasheet 20171211 ©2017 Lumileds Holding B.V. All rights reserved.
12
Table 5b. Luminous flux bin definitions for LUXEON Altilon SMD at 1000mA, 20ms MP, T
c=85°C .
BIn
2
(1x2)
3
(1x3)
4
(1x4)
5
(1x5)
F
560
840
1120
1400
G
580
870
1160
1450
H
600
900
1200
1500
J
620
930
1240
1550
K
640
960
1280
1600
The total flux bin is defined on a per die basis, the first letter on the flux bin will define the minimum flux per die and the second
letter will define the number of die in the device, i.e. C4 where C will designate a minimum flux per die of 250 lm and 4 will
designate that the part has four die, therefore the total flux from the device will be a minimum of 1000 lm.
This will allow for better flux bin granularity, as a 1x2 will have 20 lm flux bin increments, a 1x3 30 lm, a 1x4 40 lm and a 1x5 50 lm.
The flux bin is defined on the total flux of the device as die are not individually measured.
Color Bin Structure
0.3
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.30.310.320.330.340.350.36
x
Figure 7. Color bin structure in CIE 1931 color space for LUXEON Altilon SMD at 1000mA, 20ms MP, T
c=85°C .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com