Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS175 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # DS175
Description  Automotive forward lighting source
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS175 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button DS175 Datasheet HTML 7Page - Lumileds Lighting Company DS175 Datasheet HTML 8Page - Lumileds Lighting Company DS175 Datasheet HTML 9Page - Lumileds Lighting Company DS175 Datasheet HTML 10Page - Lumileds Lighting Company DS175 Datasheet HTML 11Page - Lumileds Lighting Company DS175 Datasheet HTML 12Page - Lumileds Lighting Company DS175 Datasheet HTML 13Page - Lumileds Lighting Company DS175 Datasheet HTML 14Page - Lumileds Lighting Company DS175 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DS175 LUXEON Altilon SMD Product Datasheet 20171211 ©2017 Lumileds Holding B.V. All rights reserved.
10
Radiation Pattern Characteristics
Operating Limits Characteristics
Figure 5. Typical radiation pattern for LUXEON Altilon SMD at 1000mA, 20ms MP.
Figure 6. Maximum forward current vs. case temperature for LUXEON Altilon SMD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com