Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS175 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # DS175
Description  Automotive forward lighting source
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS175 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  DS175 Datasheet HTML 1Page - Lumileds Lighting Company DS175 Datasheet HTML 2Page - Lumileds Lighting Company DS175 Datasheet HTML 3Page - Lumileds Lighting Company DS175 Datasheet HTML 4Page - Lumileds Lighting Company DS175 Datasheet HTML 5Page - Lumileds Lighting Company DS175 Datasheet HTML 6Page - Lumileds Lighting Company DS175 Datasheet HTML 7Page - Lumileds Lighting Company DS175 Datasheet HTML 8Page - Lumileds Lighting Company DS175 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DS175 LUXEON Altilon SMD Product Datasheet 20171211 ©2017 Lumileds Holding B.V. All rights reserved.
4
Electrical and Thermal Characteristics
Table 3. Typical electrical and thermal characteristics for LUXEON Altilon SMD at 1000mA, 20ms MP, T
c=85°C .
PArAMETEr
PErFOrMAncE
1x2
1x3
1x4
1x5
Forward Voltage, V
f
[1]
min
5.5
8.2
11.1
13.8
max
7.0
10.3
13.6
16.9
Electrical Thermal Resistance, R
th j-c electr
[2]
typ
2.2°C/W
1.8°C/W
1.5°C/W
1.2°C/W
max
2.5°C/W
2.1°C/W
1.8°C/W
1.5°C/W
Real Thermal Resistance, R
th j-c real
[3]
typ
3.2°C/W
2.6°C/W
2.2°C/W
1.8°C/W
max
3.5°C/W
3.0°C/W
2.6°C/W
2.2°C/W
Notes for Table 3:
1. Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2. R
th j-c electr: Electrical thermal resistance (junction to case).
3. R
th j-c real: Real thermal resistance (junction to case) with wall plug efficiency included. Reference JESD51-51, JESD51-14, 4.1.3.
Absolute Ratings
Table 4. Absolute ratings for LUXEON Altilon SMD.
PArAMETEr
PErFOrMAncE
1x2
1x3
1x4
1x5
Minimum DC Forward Current
100mA
Maximum DC Forward Current
1500mA
Operating Case Temperature at 700mA [1, 2]
-40°C to 130°C
Maximum Junction Temperature [1, 2. 3]
150°C
Operating Case Temperature at Maximum Current
-40°C to 125°C
Maximum Junction Temperature
for Short Time Applications [4]
175°C
Maximum V
f at 1500mA & -40°C
[1, 3]
7.8
11.6
15.4
19.3
Minimum V
f at 1500mA & 150°C
5.5
8.1
11.0
13.6
LED Storage Temperature
-40°C to 130°C
Soldering Temperature
JEDEC 020c 260°C
Allowable Reflow Cycles
2
ESD Sensitivity [5]
8kV HBM, 2kV CDM, 400V MM
Reverse Voltage (V
reverse)
LUXEON Altilon SMD LEDs are not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain junction temperature below the maximum, so that the LED is maintained below the maximum rated operating case temperature.
2. LUXEON Altilon SMD LEDs driven at or above the maximum rated operating case temperature may have shorter lifetime.
3. Please consult with Lumileds for more information on maximum time durations and forward currents for these temperatures.
4. Short time operations of less than 200hrs.
5. Measured using human body model (per JESD22 A114), machine model (per JESD22 A115) and charged device model (per JESD22 C101).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com