Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS175 Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # DS175
Description  Automotive forward lighting source
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS175 Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button DS175 Datasheet HTML 6Page - Lumileds Lighting Company DS175 Datasheet HTML 7Page - Lumileds Lighting Company DS175 Datasheet HTML 8Page - Lumileds Lighting Company DS175 Datasheet HTML 9Page - Lumileds Lighting Company DS175 Datasheet HTML 10Page - Lumileds Lighting Company DS175 Datasheet HTML 11Page - Lumileds Lighting Company DS175 Datasheet HTML 12Page - Lumileds Lighting Company DS175 Datasheet HTML 13Page - Lumileds Lighting Company DS175 Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DS175 LUXEON Altilon SMD Product Datasheet 20171211 ©2017 Lumileds Holding B.V. All rights reserved.
9
Color Shift Characteristics
Figure 4a. Typical color shift in CIE 1931 x and y coordinates for LUXEON Altilon SMD at 1000mA, 20ms MP.
Figure 4b. Typical color shift over angle for LUXEON Altilon SMD at 1000mA, 20ms MP, T
c=85°C .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com