Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS175 Datasheet(PDF) 14 Page - Lumileds Lighting Company

Part # DS175
Description  Automotive forward lighting source
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS175 Datasheet(HTML) 14 Page - Lumileds Lighting Company

Back Button DS175 Datasheet HTML 10Page - Lumileds Lighting Company DS175 Datasheet HTML 11Page - Lumileds Lighting Company DS175 Datasheet HTML 12Page - Lumileds Lighting Company DS175 Datasheet HTML 13Page - Lumileds Lighting Company DS175 Datasheet HTML 14Page - Lumileds Lighting Company DS175 Datasheet HTML 15Page - Lumileds Lighting Company DS175 Datasheet HTML 16Page - Lumileds Lighting Company DS175 Datasheet HTML 17Page - Lumileds Lighting Company DS175 Datasheet HTML 18Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DS175 LUXEON Altilon SMD Product Datasheet 20171211 ©2017 Lumileds Holding B.V. All rights reserved.
13
Color Codes
Table 6. Color code definitions for LUXEON Altilon SMD at 1000mA 20ms MP, T
c=85°C .
cOdE
x [1, 2]
y [1, 2]
TyPIcAl ccT (K)
cOdE
x [1, 2]
y [1, 2]
TyPIcAl ccT (K)
1A
0.3109
0.3382
6390
3A
0.3242
0.3506
5680
0.3161
0.3432
0.3325
0.3579
0.3169
0.3353
0.3325
0.3493
0.3120
0.3306
0.3246
0.3424
1B
0.3120
0.3306
6390
3B [3]
0.3246
0.3424
5680
0.3169
0.3353
0.3325
0.3493
0.3177
0.3277
0.3324
0.3410
0.3131
0.3232
0.3249
0.3344
1C
0.3161
0.3432
6050
3C
0.3325
0.3579
5350
0.3242
0.3506
0.3412
0.3652
0.3246
0.3424
0.3406
0.3562
0.3169
0.3353
0.3325
0.3493
1D [3]
0.3169
0.3353
6050
3D
0.3325
0.3493
5350
0.3246
0.3424
0.3406
0.3562
0.3249
0.3344
0.3401
0.3476
0.3177
0.3277
0.3324
0.3410
2A
0.3109
0.3211
6460
4A [3]
0.3249
0.3344
5680
0.3177
0.3277
0.3324
0.3410
0.3185
0.3203
0.3323
0.3329
0.3120
0.3139
0.3253
0.3266
2B
0.3120
0.3139
6460
4B
0.3253
0.3266
5680
0.3185
0.3203
0.3323
0.3329
0.3192
0.3131
0.3323
0.3251
0.3131
0.3070
0.3256
0.3191
2C [3]
0.3177
0.3277
6050
4C
0.3324
0.3410
5350
0.3249
0.3344
0.3401
0.3476
0.3253
0.3266
0.3396
0.3392
0.3185
0.3203
0.3323
0.3329
2D
0.3185
0.3203
6050
4D
0.3323
0.3329
5350
0.3253
0.3266
0.3396
0.3392
0.3256
0.3191
0.3392
0.3310
0.3192
0.3131
0.3323
0.3251
Notes for Table 6:
1. LUXEON Altilon SMD emitters are tested and binned by x and y coordinates.
2. Lumileds maintains a tester tolerance of ±0.005 on x and y coordinates.
3. Color bins 1D, 2C, 3B and 4A are currently supportable. Ask your sales representative about supportability of the different color bins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com