Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS175 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # DS175
Description  Automotive forward lighting source
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS175 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  DS175 Datasheet HTML 1Page - Lumileds Lighting Company DS175 Datasheet HTML 2Page - Lumileds Lighting Company DS175 Datasheet HTML 3Page - Lumileds Lighting Company DS175 Datasheet HTML 4Page - Lumileds Lighting Company DS175 Datasheet HTML 5Page - Lumileds Lighting Company DS175 Datasheet HTML 6Page - Lumileds Lighting Company DS175 Datasheet HTML 7Page - Lumileds Lighting Company DS175 Datasheet HTML 8Page - Lumileds Lighting Company DS175 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DS175 LUXEON Altilon SMD Product Datasheet 20171211 ©2017 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1. Product selection for LUXEON Altilon SMD at 1000mA, 20ms MP, T
c=85°C .
cOnFIGUrATIOn
PArT nUMBEr
1x2
A1SB-58502DH0xxxx0
1x3
A1SB-58503DH0xxxx0
1x4
A1SB-58504DH0xxxx0
1x5
A1SB-58505DH0xxxx0
Optical Characteristics
Table 2. Typical optical characteristics for LUXEON Altilon SMD at 1000mA, T
c=85°C .
PArT nUMBEr
cOrrElATEd cOlOr TEMPErATUrE
TyPIcAl TOTAl InclUdEd
AnGlE [1]
θ
0.90V
TyPIcAl VIEwInG AnGlE [2]
θ
1/2
MInIMUM
MAXIMUM
A1SB-58502DH0xxxx0
5500K
6250K
140°
120°
A1SB-58503DH0xxxx0
5500K
6250K
140°
120°
A1SB-58504DH0xxxx0
5500K
6250K
140°
120°
A1SB-58505DH0xxxx0
5500K
6250K
140°
120°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com